Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4117BRU Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4117BRU
Description  RF PLL Frequency Synthesizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4117BRU Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4117BRU Datasheet HTML 7Page - Analog Devices ADF4117BRU Datasheet HTML 8Page - Analog Devices ADF4117BRU Datasheet HTML 9Page - Analog Devices ADF4117BRU Datasheet HTML 10Page - Analog Devices ADF4117BRU Datasheet HTML 11Page - Analog Devices ADF4117BRU Datasheet HTML 12Page - Analog Devices ADF4117BRU Datasheet HTML 13Page - Analog Devices ADF4117BRU Datasheet HTML 14Page - Analog Devices ADF4117BRU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADF4116/ADF4117/ADF4118
–11–
REV. 0
Table III. ADF4116 Family Latch Summary
TEST
MODE BITS
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB10
LDP
T4
T3
T2
T1
R14
R13
R12
R11
R10
R8
R7
R6
R5
R4
R3
R2
R1
C2 (0)
C1 (0)
R9
14-BIT REFERENCE COUNTER, R
CONTROL
BITS
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB10
G1
B13
B12
B11
B10
B9
B8
B7
B6
B5
B3
B2
B1
A5
A4
A3
A2
A1
C2 (0)
C1 (1)
B4
CONTROL
BITS
13-BIT B COUNTER
5-BIT A COUNTER
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB10
TC4
TC3
TC2
TC1
F6
F4
F3
F2
M3
M2
M1
PD1
F1
C2 (1)
C1 (0)
CONTROL
BITS
MUXOUT
CONTROL
TIMER COUNTER
CONTROL
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB10
PD2
TC4
TC3
TC2
TC1
F6
F4
F3
F2
M3
M2
M1
PD1
F1
C2 (1)
C1 (1)
CONTROL
BITS
MUXOUT
CONTROL
TIMER COUNTER
CONTROL
REFERENCE COUNTER LATCH
AB COUNTER LATCH
FUNCTION LATCH
INITIALIZATION LATCH
RESERVED
PD2
X
DB20
X
XX
X
RESERVED
X
X
XX
X


Similar Part No. - ADF4117BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4117BRU AD-ADF4117BRU Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4117BRU AD-ADF4117BRU Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4117BRU-REEL AD-ADF4117BRU-REEL Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4117BRU-REEL7 AD-ADF4117BRU-REEL7 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4117BRUZ-RL1 AD-ADF4117BRUZ-RL1 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
More results

Similar Description - ADF4117BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com