Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1605 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1605
Description  Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1605 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1605 Datasheet HTML 1Page - ON Semiconductor NCP1605 Datasheet HTML 2Page - ON Semiconductor NCP1605 Datasheet HTML 3Page - ON Semiconductor NCP1605 Datasheet HTML 4Page - ON Semiconductor NCP1605 Datasheet HTML 5Page - ON Semiconductor NCP1605 Datasheet HTML 6Page - ON Semiconductor NCP1605 Datasheet HTML 7Page - ON Semiconductor NCP1605 Datasheet HTML 8Page - ON Semiconductor NCP1605 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
NCP1605, NCP1605A, NCP1605B
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
(Conditions: VCC = 16 V, VHV = 50 V, VPin2 = 2 V, VPin13 = 0 V, TJ from 0°C to +125°C, unless otherwise specified) (Note 2)
Symbol
Unit
Max
Typ
Min
Rating
CINT
Average Pin 7 Internal Capacitance (VPin7 varying from 0 and 1 V)
Guaranteed by design
15
25
pF
VINIT
Maximum Pin 7 Voltage Allowing the Setting of the PWM Latch
50
90
mV
IRAMP_SINK
Pin 7 Sink Current (Drive low) @ VPin7 = 1 V
10
mA
Current Sense Block
Off100
Current Sense Pin Voltage,
NCP1605/A
100 mA being drawn from Pin 5
NCP1605B
−20
−5.0
6.0
6.0
20
15
mV
Off10
Current Sense Pin Voltage, 10 mA being drawn from Pin 5
3.0
8.0
13
mV
IMAX
Overcurrent Protection Threshold
230
250
265
mA
TOCP
(Ipin5 > 250 mA) to (DRV low) Propagation Delay (Note 5)
100
200
ns
KCS10
Ratio (IPin6/IPin5) @ IPin5 = 10 mA
99
108
117
%
KCS200
Ratio (IPin6/IPin5) @ IPin5 = 200 mA
98
101
103
%
VZCD
Pin 6 Comparator Threshold
50
100
200
mV
TZCD
Delay from (VPin6 < VZCD) to (DRV high)
120
240
ns
Standby Input
VSTBY
Standby Mode Threshold (VPin1 falling)
280
310
340
mV
HSTBY
Hysteresis for Standby Mode Detection
25
30
50
mV
VSKIPOUT / VOUTL Ratio (Pin 4 Voltage to terminate a SKIP period) over the
(VOUT Low Detect Threshold) (Note 6)
99
100
101
%
Oscillator / Synchronization Block
Icharge
Oscillator Charge Current
90
100
110
mA
Idisch
Oscillator Discharge Current
90
100
110
mA
Vsync_H
Comparator Upper Threshold
3.0
V
Vsync_L
Comparator Lower Threshold
2.0
V
Swing
Comparator Swing (Vsync_H − Vsync_L)
0.9
1.0
1.1
V
Tsync_min
Minimum Synchronization Pulse Width for Detection
500
ns
pfcOK / REF5V
VpfcOKL
Pin 12 Voltage @ VPin13 = 5 V, 250 mA being sunk by Pin 12
60
120
mV
VpfcOKH
(Pin 12 Voltage @ VPin13 = 0 V and
NCP1605/A
VPin3 = 5 V, with a 250 mA sourced by Pin 12)
NCP1605B
(Pin 12 Voltage @ VPin13 = 0 V and
NCP1605/A
VPin3 = 5 V, with a 5 mA sourced by Pin 12)
NCP1605B
4.7
4.75
4.5
4.5
5.0
5.0
5.0
4.72
5.3
5.3
5.3
5.0
V
Icap_ref
Current Capability
5 .0
10
mA
Brown−Out Detection Block
VBOH
Brown−Out Comparator Threshold (VPin2 rising)
NCP1605/A
NCP1605B
0.9
0.93
1.0
1.0
1.1
1.07
V
VBOL
Brown−Out Comparator Threshold (VPin2 falling)
NCP1605/A
NCP1605B
0.45
0.465
0.50
0.50
0.55
0.535
V
IBBO
Pin 2 Bias Current @ VPin2 = 0.5 V and 1 V
−500
500
nA
Thermal Shutdown
TLIMIT
Thermal Shutdown Threshold
155
°C
HTEMP
Thermal Shutdown Hysteresis
15
°C
5. Not tested; guaranteed by characterization
6. Not tested; guaranteed by design


Similar Part No. - NCP1605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605 Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605A ONSEMI-NCP1605A Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605A ONSEMI-NCP1605A Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
More results

Similar Description - NCP1605

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_14 Datasheet
574Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
October, 2014 ??Rev. 12
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com