Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADDS-2171-EZ-ICE-P Datasheet(PDF) 5 Page - Analog Devices

Part # ADDS-2171-EZ-ICE-P
Description  ADSP-2100 Family Development Tools
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDS-2171-EZ-ICE-P Datasheet(HTML) 5 Page - Analog Devices

  ADDS-2171-EZ-ICE-P Datasheet HTML 1Page - Analog Devices ADDS-2171-EZ-ICE-P Datasheet HTML 2Page - Analog Devices ADDS-2171-EZ-ICE-P Datasheet HTML 3Page - Analog Devices ADDS-2171-EZ-ICE-P Datasheet HTML 4Page - Analog Devices ADDS-2171-EZ-ICE-P Datasheet HTML 5Page - Analog Devices ADDS-2171-EZ-ICE-P Datasheet HTML 6Page - Analog Devices ADDS-2171-EZ-ICE-P Datasheet HTML 7Page - Analog Devices ADDS-2171-EZ-ICE-P Datasheet HTML 8Page - Analog Devices ADDS-2171-EZ-ICE-P Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADDS-21xx-TOOLS
REV. B
–5–
SIMULATORS
There is a simulator for each ADSP-2100 Family processor that
provides instruction-level simulation of program execution. The
Simulator models system memory and I/O according to the
contents of the system architecture file, and provides windows
to display different portions of the target system hardware. The
Graphical User Interface (GUI) lets system designers inter-
actively observe and alter register and memory contents,
providing a powerful debug environment. Simulator commands
can be entered from the mouse or keyboard.
Features offered by the ADSP-2100 Family Simulators include
the following:
• Program and Data Memory Simulation
• Memory-Mapped I/O Port Simulation
• Interrupt Simulation
• Program Booting (from PROM or host processor) Simulation
• Code Execution Pattern Profiling for Program Optimization
• On-Line Help
• Reconfigurable Windows
• Same User Interface as EZ-ICE Emulators
CBUG C SOURCE-LEVEL DEBUGGER
The Simulators are seamlessly integrated with the CBUG C
source-level debugger. CBUG supports the following
operations:
• Run, Step, Next, and Finish Program Execution Commands
• C Source Code Breakpoints
• Local and Global Variable Display with Auto Refresh
Examines Value of Variables at Previously Executed
Instructions
• Symbol Look-Up
List of Demos
Filter
Echo Canceller
ADPCM
7.8 kbs LPC
2.4 kbs LPC
Exit App
DTNF
File
View
Demo
Loading
Options
Help
EZ-KIT Lite - Monitor
P
D
D
P
?
Ready
Figure 1. EZ-KIT Lite Monitor Software
HARDWARE TOOLS
EZ-KIT Lite
The ADSP-21xx EZ-KIT Lite is a low-cost, easy to use
development platform on which you can quickly get started with
your ADSP-2100 Family based DSP software design. The EZ-
KIT Lite is a complete development system package that
includes:
• ADDS-2181 EZ-LAB Board
• MS-Windows 3.1 Based Monitor Software
• Development Software Kit (upgradable to complete ADSP-
2100 Family Development Software package for full-featured
development of final systems)
• Demo Programs
- Digital Filtering
- Speech Compression
- FFT
- Echo Cancellation
- DTMF Tone Generation
- MPEG Audio Playback
The EZ-Kit Lite uses the ADDS-2181 EZ-LAB as a
development platform on which you can develop software
applications for any of the ADSP-2100 Family DSPs. This is
possible because the ADSP-2181 represents a superset of the
features of the ADSP-2101/2105/2111/2115/2171 processors.
With the ADSP-2181’s 32K words of on-chip RAM, there is no
need for additional RAM devices on the EZ-LAB board. The
board simply requires connection to power, an analog input
source, and amplified speakers to be able to run audio
applications and demos.
The EZ-LAB board can run in a stand-alone mode, or it can be
connected to the RS-232 port of your PC. A Windows-based
monitor program lets you interactively download programs and
interrogate the ADSP-2181 (see Figure 1). The board comes
with a socketed EPROM so that you can run the monitor
program or demonstrations provided—or you can plug in an
EPROM containing your own code.


Similar Part No. - ADDS-2171-EZ-ICE-P

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADDS160022G11 A-DATA-ADDS160022G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
ADDS1600W4G11 A-DATA-ADDS1600W4G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
ADDS1600W8G11 A-DATA-ADDS1600W8G11 Datasheet
438Kb / 2P
   High speed up to 1600MHz
logo
Dongguan City Niuhang E...
Addsuffix NIUHANG-Addsuffix Datasheet
6Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results

Similar Description - ADDS-2171-EZ-ICE-P

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com