Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4117 Datasheet(PDF) 2 Page - Analog Devices

Part # ADF4117
Description  RF PLL Frequency Synthesizers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4117 Datasheet(HTML) 2 Page - Analog Devices

  ADF4117 Datasheet HTML 1Page - Analog Devices ADF4117 Datasheet HTML 2Page - Analog Devices ADF4117 Datasheet HTML 3Page - Analog Devices ADF4117 Datasheet HTML 4Page - Analog Devices ADF4117 Datasheet HTML 5Page - Analog Devices ADF4117 Datasheet HTML 6Page - Analog Devices ADF4117 Datasheet HTML 7Page - Analog Devices ADF4117 Datasheet HTML 8Page - Analog Devices ADF4117 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. 0
ADF4116/ADF4117/ADF4118–SPECIFICATIONS1
(AVDD = DVDD = 3 V
10%, 5 V
10%; AVDD
≤ VP ≤ 6.0 V; AGND = DGND = CPGND = 0 V; TA = TMIN to TMAX unless otherwise noted)
Parameter
B Version
B Chips
2
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency
See Figure 22 for Input Circuit
ADF4116
45/550
45/550
MHz min/max
ADF4117
0.045/1.2
0.045/1.2
GHz min/max
ADF4118
0.1/3.0
0.1/3.0
GHz min/max
Input Level = –10 dBm
ADF4118
0.2/3.0
0.2/3.0
GHz min/max
Maximum Allowable
Prescaler Output Frequency
3
165
165
MHz max
AVDD, DVDD = 3 V
200
200
MHz max
AVDD, DVDD = 5 V
RF Input Sensitivity
–15/0
–15/0
dBm min/max
AVDD = 3 V
–10/0
–10/0
dBm min/max
AVDD = 5 V
REFIN CHARACTERISTICS
Reference Input Frequency
0/100
0/100
MHz min/max
Reference Input Sensitivity
4
–5/0
–5/0
dBm min/max
AC-Coupled. When DC-Coupled:
0 to VDD Max (CMOS Compatible)
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR FREQUENCY5
55
55
MHz max
CHARGE PUMP
ICP Sink/Source
High Value
1
1
mA typ
Low Value
250
250
µA typ
Absolute Accuracy
2.5
2.5
% typ
ICP Three-State Leakage Current
1
1
nA max
Sink and Source Current Matching
3
3
% typ
0.5 V
≤ VCP ≤ VP – 0.5
ICP vs. VCP
2
2
% typ
0.5 V
≤ V
CP
≤ V
P – 0.5
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VINH, Input High Voltage
0.8
× DVDD
0.8
× DVDD V min
VINL, Input Low Voltage
0.2
× DVDD
0.2
× DVDD V max
IINH/IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
Reference Input Current
±100
±100
µA max
LOGIC OUTPUTS
VOH, Output High Voltage
DVDD – 0.4
DVDD – 0.4
V min
IOH = 500
µA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500
µA
POWER SUPPLIES
AVDD
2.7/5.5
2.7/5.5
V min/V max
DVDD
AVDD
AVDD
VP
AVDD/6.0
AVDD/6.0
V min/V max
AVDD
≤ V
P
≤ 6.0 V
IDD
6 (AI
DD + DIDD)
See Figure 20
ADF4116
5.5
4.5
mA max
4.5 mA Typical
ADF4117
5.5
4.5
mA max
4.5 mA Typical
ADF4118
7.5
6.5
mA max
6.5 mA Typical
IP
0.4
0.4
mA max
TA = 25
°C
Low-Power Sleep Mode
1
1
µA typ


Similar Part No. - ADF4117

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4117 AD-ADF4117 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
ADF4117 AD-ADF4117 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADF4117BRU AD-ADF4117BRU Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4117BRU AD-ADF4117BRU Datasheet
929Kb / 28P
   50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADF4117BRU-REEL AD-ADF4117BRU-REEL Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
More results

Similar Description - ADF4117

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_07 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
Rev. D
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com