Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1288 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1288
Description  Fixed Frequency Current Mode Controller for Flyback Converters
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1288 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1288_11 Datasheet HTML 4Page - ON Semiconductor NCP1288_11 Datasheet HTML 5Page - ON Semiconductor NCP1288_11 Datasheet HTML 6Page - ON Semiconductor NCP1288_11 Datasheet HTML 7Page - ON Semiconductor NCP1288_11 Datasheet HTML 8Page - ON Semiconductor NCP1288_11 Datasheet HTML 9Page - ON Semiconductor NCP1288_11 Datasheet HTML 10Page - ON Semiconductor NCP1288_11 Datasheet HTML 11Page - ON Semiconductor NCP1288_11 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
NCP1288
http://onsemi.com
8
TYPICAL PERFORMANCE CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
3
5
7
9
11
Figure 4. Supply Voltage Thresholds vs.
Junction Temperature
Figure 5. Inhibit Threshold Voltage vs.
Junction Temperature
Figure 6. Inhibit Current vs. Junction
Temperature
Figure 7. Startup Current vs. Junction
Temperature
Figure 8. Minimum Startup Voltage vs.
Junction Temperature
75
50
−25
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
0.0
0.2
0.4
0.6
1.0
75
50
−25
4
6
8
10
12
13
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
360
400
440
480
520
75
50
−25
0.8
380
420
460
500
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
4.5
5.5
6.5
7.5
75
50
−25
5.0
6.0
7.0
8.0
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
0
5
10
15
30
75
50
−25
20
25
TJ, JUNCTION TEMPERATURE (°C)
150
125
100
25
0
−50
0
10
20
30
40
75
50
−25
5
15
25
35
45
50
VCC(reset)
VCC(min)
VCC(on)
1.4
1.2
VCC = 0 V
VCC = VCC(on) − 0.5 V
8.5
9.5
9.0
10
40
35
VCC = 10.5 V
IHV = 0.95 X Istart2
VHV = 500 V
Figure 9. Startup Circuit Leakage Current vs.
Junction Temperature
14
16
15
17
18


Similar Part No. - NCP1288_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1288BD65R2G ONSEMI-NCP1288BD65R2G Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
More results

Similar Description - NCP1288_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
NCP12401 ONSEMI-NCP12401 Datasheet
4Mb / 44P
   Fixed Frequency Current Mode Controller for Flyback Converters
July, 2020 ??Rev. 1
NCP12400 ONSEMI-NCP12400_V01 Datasheet
4Mb / 47P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2022 - Rev. 8
NCP1246 ONSEMI-NCP1246_12 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com