Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1255 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1255
Description  Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1255 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1255_12 Datasheet HTML 1Page - ON Semiconductor NCP1255_12 Datasheet HTML 2Page - ON Semiconductor NCP1255_12 Datasheet HTML 3Page - ON Semiconductor NCP1255_12 Datasheet HTML 4Page - ON Semiconductor NCP1255_12 Datasheet HTML 5Page - ON Semiconductor NCP1255_12 Datasheet HTML 6Page - ON Semiconductor NCP1255_12 Datasheet HTML 7Page - ON Semiconductor NCP1255_12 Datasheet HTML 8Page - ON Semiconductor NCP1255_12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Semiconductor Components Industries, LLC, 2012
December, 2012 − Rev. P0
1
Publication Order Number:
NCP1255/D
NCP1255
Product Preview
Current-Mode PWM
Controller for Off-line
Power Supplies featuring
Peak Power Excursion
The NCP1255 is a highly integrated PWM controller capable of
delivering a rugged and high performance offline power supply in a
SOIC−8 package. With a supply range up to 35 V, the controller hosts a
jittered 65−kHz switching circuitry operated in peak current mode
control. When the power on the secondary side starts to decrease, the
controller automatically folds back its switching frequency down to a
minimum level of 26 kHz. As the power further goes down, the part
enters skip cycle while freezing the peak current setpoint.
To help build rugged converters, the controller features several key
protective features: a brown−out, a non−dissipative Over Power
Protection for a constant maximum output current regardless of the
input voltage, two latched over voltage protection inputs − either
through a dedicated pin or via the Vcc input − and finally, the
possibility to externally adjust an auto−recovery timer duration.
The controller architecture is arranged to authorize a transient peak
power excursion when the peak current hits the limit. At this point, the
switching frequency is increased from 65 kHz to 130 kHz until the
peak requirement disappears. The timer duration is then modulated as
the converter crosses a peak power excursion mode (long) or
undergoes a short circuit (short).
Features
65−kHz Fixed−frequency Current−mode Control Operation with
130−kHz Excursion
Internal and Adjustable Over Power Protection (OPP) Circuit
Adjustable Brown−Out Protection Circuit
Frequency Foldback down to 26 kHz and Skip−cycle in Light Load
Conditions
Adjustable Slope Compensation
Internally Fixed 4−ms Soft−start
Adjustable Timer−based Auto−recovery Overload/Short−circuit
Protection
100% to 25% Timer Reduction from Overload to Short−circuit Fault
Double Vcc Hiccup for a Reduced Average Power in Fault Mode
Frequency Jittering in Normal and Frequency Foldback Modes
Latched OVP Input for Improved Robustness and Latched OVP on Vcc
Up to 35−V Vcc Maximum Rating
Extremely Low No−load Standby Power
This is a Pb−Free Device
Typical Applications
Converters requiring peak−power capability such as printers power
supplies, ac−dc adapters for game stations.
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
PIN CONNECTIONS
1
3
Vcc
GND
2
OPP/Latch
5
Timer
7
(Top View)
6
BO
SOIC−8
D1, D2 SUFFIX
CASE 751
MARKING DIAGRAM
FB
http://onsemi.com
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
8
8
4
DRV
CS
XXXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
XXXXX
ALYWX
G
1
8


Similar Part No. - NCP1255_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1255 ONSEMI-NCP1255_13 Datasheet
435Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
June, 2013 ??Rev. 1
More results

Similar Description - NCP1255_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1254 ONSEMI-NCP1254 Datasheet
376Kb / 25P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
March, 2013 ??Rev. P1
NCP1255 ONSEMI-NCP1255_13 Datasheet
435Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
June, 2013 ??Rev. 1
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
   Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com