Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5742 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJE5742
Description  POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE5742 Datasheet(HTML) 2 Page - Motorola, Inc

  MJE5742 Datasheet HTML 1Page - Motorola, Inc MJE5742 Datasheet HTML 2Page - Motorola, Inc MJE5742 Datasheet HTML 3Page - Motorola, Inc MJE5742 Datasheet HTML 4Page - Motorola, Inc MJE5742 Datasheet HTML 5Page - Motorola, Inc MJE5742 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE5740 MJE5741 MJE5742
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS — continued (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (1)
DC Current Gain (IC = 0.5 Adc, VCE = 5 Vdc)
(IC = 4 Adc, VCE = 5 Vdc)
hFE
50
200
100
400
Collector–Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc)
Collector–Emitter Saturation Voltage (IC = 8 Adc, IB = 0.4 Adc)
Collector–Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc, TC = 100_C)
VCE(sat)
2
3
2.2
Vdc
Base–Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc)
Base–Emitter Saturation Voltage (IC = 8 Adc, IB = 0.4 Adc)
Base–Emitter Saturation Voltage (IC = 4 Adc, IB = 0.2 Adc, TC = 100_C)
VBE(sat)
2.5
3.5
2.4
Vdc
Diode Forward Voltage (2) (IF = 5 Adc)
Vf
2.5
Vdc
SWITCHING CHARACTERISTICS
Typical Resistive Load (Table 1)
Delay Time
(VCC = 250 Vdc, IC(pk) = 6 A
IB1 = IB2 = 0.25 A, tp = 25 µs,
Duty Cycle
v 1%)
td
0.04
µs
Rise Time
(VCC = 250 Vdc, IC(pk) = 6 A
IB1 = IB2 = 0.25 A, tp = 25 µs,
Duty Cycle
v 1%)
tr
0.5
µs
Storage Time
IB1 = IB2 = 0.25 A, tp = 25 µs,
Duty Cycle
v 1%)
ts
8
µs
Fall Time
Duty Cycle
v 1%)
tf
2
µs
Inductive Load, Clamped (Table 1)
Voltage Storage Time
(IC(pk) = 6 A, VCE(pk) = 250 Vdc
IB1 = 0.06 A, VBE(off) = 5 Vdc)
tsv
4
µs
Crossover Time
(IC(pk) = 6 A, VCE(pk) = 250 Vdc
IB1 = 0.06 A, VBE(off) = 5 Vdc)
tc
2
µs
(1) Pulse Test: Pulse Width 300
µs, Duty Cycle = 2%.
(2) The internal Collector–to–Emitter diode can eliminate the need for an external diode to clamp inductive loads. Tests have shown that the
(2) Forward Recovery Voltage (Vf) of this diode is comparable to that of typical fast recovery rectifiers.
trv
IC
VCE
90% IB1
tsv
IC(pk)
VCE(pk)
90% VCE(pk)
90% IC
10% VCE(pk)
10%
IC(pk) 2% IC
IB
tfi
tti
tc
0.1
IC, COLLECTOR CURRENT (AMPS)
5
2000
VCE = 5 V
1
+ 25
°C
2
10
1000
100
10
0
TC, CASE TEMPERATURE (°C)
0
40
120
160
60
SECOND BREAKDOWN DERATING
100
80
40
20
60
100
140
80
THERMAL DERATING
Figure 1. Power Derating
Figure 2. Inductive Switching Measurements
IC, COLLECTOR CURRENT (AMPS)
2.4
1.6
0.4
Figure 3. DC Current Gain
Figure 4. Base–Emitter Voltage
2
1.2
0.8
hFE = 20
0.2
10
2
0.5
1
5
TIME
150
°C
– 55
°C
20
2.2
1.4
1.8
1
0.6
+150
°C
+ 25
°C
– 55
°C
TYPICAL CHARACTERISTICS


Similar Part No. - MJE5742

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5742 ONSEMI-MJE5742 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
MJE5742 ONSEMI-MJE5742 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJE5742 NJSEMI-MJE5742 Datasheet
122Kb / 2P
   NPN SILICON Power Darlington Transistors
logo
ON Semiconductor
MJE5742G ONSEMI-MJE5742G Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
MJE5742G ONSEMI-MJE5742G Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
More results

Similar Description - MJE5742

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
   NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
   1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJE13007 MOTOROLA-MJE13007 Datasheet
337Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 400 VOLTS 80/40 WATTS
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
ON Semiconductor
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15034 ONSEMI-MJE15034_06 Datasheet
74Kb / 5P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS, 50 WATTS
January, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com