Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF0ULX1 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # MF0ULX1
Description  MIFARE Ultralight EV1 - contactless ticket IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0ULX1 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button MF0ULX1 Datasheet HTML 30Page - NXP Semiconductors MF0ULX1 Datasheet HTML 31Page - NXP Semiconductors MF0ULX1 Datasheet HTML 32Page - NXP Semiconductors MF0ULX1 Datasheet HTML 33Page - NXP Semiconductors MF0ULX1 Datasheet HTML 34Page - NXP Semiconductors MF0ULX1 Datasheet HTML 35Page - NXP Semiconductors MF0ULX1 Datasheet HTML 36Page - NXP Semiconductors MF0ULX1 Datasheet HTML 37Page - NXP Semiconductors MF0ULX1 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
2345
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.0 — 19 February 2013
234530
34 of 50
NXP Semiconductors
MF0ULx1
MIFARE Ultralight EV1 - contactless ticket IC
The order of bytes in the increment argument follows the same order that the bytes are
sent via the communication interface. This means from the LSbyte (IncrValue0) to MSbyte
(IncValue3), where the last valid byte is actually IncrValue2. It is in line with the arguments
consisting of multiple bytes for other commands. As an example, an increment of the
counter 00h by 01h, is formulated as INCR CNT 00 01 00 00 00.
The INCR_CNT command features anti-tearing support.


Similar Part No. - MF0ULX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
C&K Components
MF00 CK-COMPONENTS-MF00 Datasheet
545Kb / 5P
   Half-inch Rotary Switches
logo
Mitsubishi Electric Sem...
MF0015M-03ATXX MITSUBISHI-MF0015M-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0030M-03ATXX MITSUBISHI-MF0030M-03ATXX Datasheet
841Kb / 29P
   8/16-bit Data Bus Flash ATA PC Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
More results

Similar Description - MF0ULX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF0AES20 NXP-MF0AES20_V01 Datasheet
653Kb / 72P
   MIFARE Ultralight AES contactless limited-use IC
Rev. 3.2 - 28 March 2023
MF0AES20 NXP-MF0AES20 Datasheet
680Kb / 73P
   MIFARE Ultralight AES contactless limited-use IC
Rev. 3.1-29 April 2022
MF3ICD21 PHILIPS-MF3ICD21 Datasheet
74Kb / 15P
   MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MF3ICDQ1 NXP-MF3ICDQ1 Datasheet
112Kb / 18P
   MIFARE DESFire EV1 256B contactless smartcard IC
Rev.3.0-5 November2015
MF3ICDX21 NXP-MF3ICDX21 Datasheet
117Kb / 18P
   MIFARE DESFire EV1 contactless multi-application IC
Rev.3.2-9 December2015
MF0ICU2 NXP-MF0ICU2 Datasheet
89Kb / 15P
   MIFARE Ultralight C
Rev. 3.2-19 May 2009
MF1PX1Y1 NXP-MF1PX1Y1 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
   MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com