Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL37231DRAZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL37231DRAZ
Description  10.3125 Gb/s Retiming Dual-Channel Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37231DRAZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL37231DRAZ Datasheet HTML 1Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 2Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 3Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 4Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 5Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 6Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 7Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 8Page - Intersil Corporation ISL37231DRAZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ISL37231
5
FN8266.1
January 25, 2013
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD to GND, 1.0V Rails) . . . . . . . . . . . . . . . . . . . . . . . . 1.1V
Supply Voltage (VDD to GND, 1.8V Rails) . . . . . . . . . . . . . . . . . . . . . . . 1.98V
1V Pin Input Voltage (AIN, BIN, XTALP) . . . . . . . . . . . . . . . . . . . . . . . . . 1.1V
1.8V Pin Input Voltage (all non 3.3V tolerant logic inputs) . . . . VDD + 0.2V
3.3V Tolerant I/O Pin Voltage (EEWE, SCLK, SDA, URX, AUTX, AURX,
RESET) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
ESD Ratings
Human Body Model (All Pins) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.25kV
Charged Device Model (All Pins). . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0kV
Machine Model (All Pins). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Latch-up (per JEDEC JESD78, Level 2, Class A) . . . . . . . . . . . . . . . . +85°C
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
69 Ld aQFN Package (Notes 6, 7) . . . . . . .
31.8
2.5
Operating Ambient Temperature Range. . . . . . . . . . . . . . . . 0°C to +85°C
Storage Ambient Temperature Range. . . . . . . . . . . . . . . -55°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Operating Conditions Boldface limits apply across the operating temperature range, 0°C to +85°C.
PARAMETER
SYMBOL
CONDITION
MIN
(Note 12)
TYP
MAX
(Note 12)
UNITS
1.0V Supply Voltage
AVDD1,
DVDD
0.95
1.0
1.05
V
1.8V Supply Voltage
AVDD18,
VDDPLL,
VDDPST
1.71
1.8
1.89
V
Operating Ambient Temperature
TA
0
25
85
°C
Baud Rate
NRZ data applied to any channel
9.95
10.3125
10.4
Gbps
Logic I/O Specifications Boldface limits apply across the operating temperature range, 0°C to +85°C.
PARAMETER
SYMBOL
CONDITION
MIN
(Note 12)
TYP
MAX
(Note 12)
UNITS
Input Leakage Current
ILEAK
Pins URX, AURX1, AURX2, RESET
-1
0.1
1
µA
Pull-down Resistor Current
IPULLDOWN OSCMODE. VIN = VDD18
103
µA
Input HIGH Voltage
VIH
Pins URX, AURX1, AURX2, RESET,
OSCMODE
23.4
V
Input LOW Voltage
VIL
Pins URX, AURX1, AURX2, RESET,
OSCMODE
00.7
V
Output LOW Voltage
VOL
IOL = 2mA
00.4
V
Output High Voltage
VOH
IOH = 2mA
1.4
VDD18
V


Similar Part No. - ISL37231DRAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL37200M-CD INTERSIL-ISL37200M-CD Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
More results

Similar Description - ISL37231DRAZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
   Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Optoway Technology Inc
SPB-9805RG_2015 OPTOWAY-SPB-9805RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
logo
Finisar Corporation.
FTLF8528P3BNV FINISAR-FTLF8528P3BNV Datasheet
777Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
logo
Optoway Technology Inc
SPB-97120R-1590G OPTOWAY-SPB-97120R-1590G_15 Datasheet
184Kb / 5P
   3.2 Gb/s Single-Fiber SFP Transceiver
logo
Finisar Corporation.
FTLF8528P2BNV FINISAR-FTLF8528P2BNV Datasheet
745Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
FTLF8526P3BNL FINISAR-FTLF8526P3BNL Datasheet
762Kb / 12P
   6.1 Gb/s Short-Wavelength SFP Transceiver
logo
Optoway Technology Inc
SPB-97120R-1510G_2015 OPTOWAY-SPB-97120R-1510G_2015 Datasheet
224Kb / 5P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9840RG_2015 OPTOWAY-SPB-9840RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9920RG_2015 OPTOWAY-SPB-9920RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9740RG_2015 OPTOWAY-SPB-9740RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com