Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL37231 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL37231
Description  10.3125 Gb/s Retiming Dual-Channel Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37231 Datasheet(HTML) 7 Page - Intersil Corporation

  ISL37231 Datasheet HTML 1Page - Intersil Corporation ISL37231 Datasheet HTML 2Page - Intersil Corporation ISL37231 Datasheet HTML 3Page - Intersil Corporation ISL37231 Datasheet HTML 4Page - Intersil Corporation ISL37231 Datasheet HTML 5Page - Intersil Corporation ISL37231 Datasheet HTML 6Page - Intersil Corporation ISL37231 Datasheet HTML 7Page - Intersil Corporation ISL37231 Datasheet HTML 8Page - Intersil Corporation ISL37231 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ISL37231
7
FN8266.1
January 25, 2013
Operation
The ISL37231 is a robust signal conditioner that ensures
maximum performance across a variety of time-varying and
unpredictable environments. Endowed with functions, such as
transmit and receive equalization, signal retiming, and
programmable impedance termination, this IC fortifies sensitive
links that break with other retiming-based solutions. To facilitate
systems analysis, the ISL37231 additionally provides visibility of
link conditions by way of loopback modes, PRBS generators with
error counters, and an on-chip eye-monitor.
Equalization
The ISL37231 equalizes each received signal with a highly
adjustable equalizer.
Each received signal is equalized with a five stage
continuous-time linear filter that can be optimized for either
copper cable skin loss or dielectric loss. The amount of
equalization is selectable between 0dB and 16.5dB of
compensation in increments of 1.5dB. Because the filter is
phase/jitter-optimized, the maximum 16.5dB compensation
level yields very low jitter for its targeted 2m (~20dB) 34AWG
cable length.
In addition to supporting a wide variety of programmable
settings, all channel equalizers can be trained upon power up to
minimize jitter. The training of all channels is completed within
2.5ms of receiving valid data on the input ports after power up.
Retiming
To provide maximum system robustness, the ISL37231 retimes
each of the four data paths in the device prior to output. With
independent PLLs for each channel, the device can operate each
channel with asynchronous baud rates thereby permitting a high
degree of system flexibility. Examples where such flexibility is
crucial include independent or staggered SSC rates across
different channels and asymmetric transmission where up and
down-stream channels operate at different baud rates.
Each retimer has high input jitter tolerance and can output less
than 0.3UI of total jitter (provided the inherent RJ of the test
equipment is de-embedded and no input low-frequency periodic
jitter is present).
Output De-Emphasis
The drive level output of any channel is adjustable from 200 to
950mVppd rail-to-rail (170 to 807.5mVppd eye height) in 16
equal increments.
Each driver supports output equalization with one tap of
pre-cursor and one tap of post-cursor de-emphasis. The gains on
the pre and post-cursor taps are adjustable between 0 and -1
relative to the main tap in increments of 1/128. The output
amplitude and de-emphasis for each channel can be
independently programmed to accommodate routing variation
between lanes.
Loopback
To facilitate system diagnostics, a loopback mode is available for
each signal direction. In particular, for each lane, two loopback
paths are provided:
• Near-End/PCB Loopback: The received on-ramp signal is
directed back into the off-ramp output driver. This includes
PCB equalization, limiting, retiming, and PCB de-emphasis.
• Far-End/Cable Loopback: The received off-ramp signal is
directed back into the on-ramp output driver. This includes
cable equalization, limiting, retiming, and cable de-emphasis.
Eye Monitor
For accurate and detailed analysis of signal integrity, each
channel in the ISL37231 can provide an on-chip eye-diagram of
its respective equalizing filter output. This eye diagram can be
used to evaluate jitter and eye height at the input of the retime
circuit’s slicer.
The eye monitor (in conjunction with the on-chip microcontroller)
generates up to a 50 pixel x 50 pixel resolution eye-diagram (i.e.
down to 0.02 UI resolution in the time domain and 12mV
resolution in the voltage domain) that can be read over the UART
interface. The output eye diagram represents an estimated
probability density function for the equalized signal under
investigation.
Besides providing a full eye-diagram, the Eye-Monitor can also be
directed to output only the temporal and/or voltage eye-opening
for a more concise signal fidelity assessment (i.e., jitter and eye
height, respectively).
Polarity Inversion
To accommodate uncertainty in signal polarity (as may be
associated with differential cable receive pairs), each channel
can be independently programmed to invert its polarity.
On-Chip Microcontroller
An internal microcontroller is used to manage the operation of
the ISL37231.
The microcontroller communicates with the system host over a
UART interface. Because the ISL37231 UART interface operates
at 1.8V, an interfacing IC (such as the ISL80083) is required for
applications needing 3.3V levels and tri-state (push/pull/no-load)
operation.
The microcontroller also includes an I2C interface where the
ISL37231 serves as the master. This I2C bus is used to:
• Instruct a power-regulator providing the 1.0V supply that the
system is entering sleep mode and power can be removed
from non-critical 1.0V rails for maximum power savings during
sleep state.
• Load firmware from an external EEPROM.


Similar Part No. - ISL37231

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL37200M-CD INTERSIL-ISL37200M-CD Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
More results

Similar Description - ISL37231

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
   Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Optoway Technology Inc
SPB-9805RG_2015 OPTOWAY-SPB-9805RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
logo
Finisar Corporation.
FTLF8528P3BNV FINISAR-FTLF8528P3BNV Datasheet
777Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
logo
Optoway Technology Inc
SPB-97120R-1590G OPTOWAY-SPB-97120R-1590G_15 Datasheet
184Kb / 5P
   3.2 Gb/s Single-Fiber SFP Transceiver
logo
Finisar Corporation.
FTLF8528P2BNV FINISAR-FTLF8528P2BNV Datasheet
745Kb / 12P
   8.5 Gb/s Short-Wavelength SFP Transceiver
FTLF8526P3BNL FINISAR-FTLF8526P3BNL Datasheet
762Kb / 12P
   6.1 Gb/s Short-Wavelength SFP Transceiver
logo
Optoway Technology Inc
SPB-97120R-1510G_2015 OPTOWAY-SPB-97120R-1510G_2015 Datasheet
224Kb / 5P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9840RG_2015 OPTOWAY-SPB-9840RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9920RG_2015 OPTOWAY-SPB-9920RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9740RG_2015 OPTOWAY-SPB-9740RG_2015 Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com