Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL94203IRTZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL94203IRTZ-T7
Description  3-to-8 Cell Li-ion Battery Pack Monitor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL94203IRTZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL94203IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL94203IRTZ-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
ISL94203
9
FN7626.2
December 5, 2012
VDD Supply Current
IVDD1
Device active (Normal Mode)
(No error conditions)
CFET, PCFET, DFET = OFF; VDD = 33.6V
310
370
µA
IVDD2
Device active (IDLE mode)
(No error conditions)
IDLE = 1
CFET, PCFET, DFET = OFF; VDD = 33.6V
215
275
µA
IVDD3
Device active (DOZE mode)
(No error conditions)
DOZE = 1
CFET, PCFET, DFET = OFF; VDD = 33.6V
210
265
µA
IVDD4
FET Drive Current
(IVDD increase when FETs are on -
NORMAL/IDLE/DOZE modes); VDD = 33.6V
215
µA
IVDD5
Device active (SLEEP mode);
SLEEP = 1; VDD = 33.6V
0°C to +60°C
-40°C to +85°C
13
30
50
µA
IVDD6
Power-Down
PDWN = 1; VDD = 33.6V
1
µA
Input Bias Current
ICS1
VDD = VBATT = VCS1 = VCS2 = 33.6V
(Normal, Idle, Doze)
10
15
µA
VDD = VBATT = VCS1 = VCS2 = 33.6V
(Sleep, Power-Down)
0°C to +60°C
-40°C to +85°C
1
3
µA
ICS2
VDD = VBATT = VCS1 = VCS2 = 33.6V
(Normal, Idle, Doze)
10
15
µA
VDD = VBATT = VCS1 = VCS2 = 33.6V
(Sleep, Power Down)
0°C to +60°C
-40°C to +85°C
1
3
µA
VCn Input Current
IVCN
Cell input leakage current
AO2:AO0 = 0000H
(NORMAL/IDLE/DOZE; Not sampling cells)
-1
1
µA
CBn Input Current
ICBN
Cell Balance pin leakage current
(No balance active)
-1
1
µA
TEMPERATURE MONITOR SPECIFICATIONS
External Temperature Accuracy
VXT1
External temperature monitoring error. ADC
voltage error when monitoring xT1 input.
TGain = 0; (xTn = 0.2V to 0.737V)
-25
15
mV
Internal Temperature Monitor Output
(See “Temperature
Monitoring/Response” on page 36)
TINT25
[iTB:iT0]10*1.8/4095/GAIN
GAIN = 2 (TGain bit = 0)
Temperature = 25°C
0.276
V
VINTMON Change in
[iTB:iT0]10*1.8/4095/GAIN
GAIN = 2 (TGain bit = 0)
Temperature = -40°C to +85°C
1.0
mV/°C
Electrical Specifications VDD = 26.4V, TA = -40°C to +85°C, unless otherwise specified. Boldface specification limits apply over
operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITION
MIN
(Note 7)
TYP
MAX
(Note 7)
UNIT


Similar Part No. - ISL94203IRTZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94203IRTZ-T7 INTERSIL-ISL94203IRTZ-T7 Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Renesas Technology Corp
ISL94203IRTZ-T7 RENESAS-ISL94203IRTZ-T7 Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
ISL94203IRTZ-T7A RENESAS-ISL94203IRTZ-T7A Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
More results

Similar Description - ISL94203IRTZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL94203 RENESAS-ISL94203 Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Renesas Technology Corp
ISL94202 RENESAS-ISL94202_V01 Datasheet
1Mb / 153P
   Standalone 3 to 8 Cell Li-Ion Battery Pack Monitor
Oct.14.19
ISL94202 RENESAS-ISL94202 Datasheet
3Mb / 89P
   Series Charge/Discharge Path 3-to-8 Cell Li-Ion Battery Pack Monitor
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Unisonic Technologies
UB244A UTC-UB244A Datasheet
179Kb / 11P
   LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
UB244A UTC-UB244A_17 Datasheet
221Kb / 11P
   LI-ION BATTERY PROTECTION IC FOR 1-CELL TO 4-CELL PACK
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com