Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN7081_GF085 Datasheet(PDF) 13 Page - Fairchild Semiconductor

Part No. FAN7081_GF085
Description  The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN7081_GF085 Datasheet(HTML) 13 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Figure 16b. Logic “1” IN Current vs VCC Supply Voltage
Figure 16a. Logic “1” IN Current vs Temperature
Figure 17a. VCC Under voltage Threshold(+) vs Temperature
Figure 17b. VCC Under voltage Threshold(-) vs Temperature
Figure 18b. VBS Under voltage Threshold(-) vs Temperature
Figure 18a. VBS Under voltage Threshold(+) vs Temperature
-50
-25
0
25
50
75
100
125
6
7
8
9
10
11
12
Temperature (
oC)
Typ.
Max.
Min.
-50
-25
0
25
50
75
100
125
0
1
2
3
4
5
Temperature(
oC)
Max.
10
12
14
16
18
20
0
1
2
3
4
5
V
CC Supply Voltage (V)
Max.
-50
-25
0
25
50
75
100
125
6
7
8
9
10
11
12
Min.
Typ.
Max.
Temperature (
oC)
-50
-25
0
25
50
75
100
125
6
7
8
9
10
11
12
Temperature (
oC)
Typ.
Max.
Min.
-50
-25
0
25
50
75
100
125
6
7
8
9
10
11
12
Temperature (
oC)
Typ.
Max.
Min.
Vcc=VBS=15V,
RL=50, CL=2.5nF
VBS=15V,
RL=50, CL=2.5nF
©2012 Fairchild Semiconductor Corporation
13
www.fairchildsemi.com
FAN7081_GF085 Rev. 1.0.1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn