Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN7081_GF085 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part No. FAN7081_GF085
Description  The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN7081_GF085 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Figure 7a. Turn-Off Falling Time vs Temperature
Figure 7b. Turn-Off Falling Time vs VBS Supply Voltage
Figure 8a. Logic “1” IN Voltage vs Temperature
Figure8b. Logic “1” IN Voltage vs VCC Supply Voltage
Figure 9a. Logic “0” IN Voltage vs Temperature
Figure 9b. Logic “0” IN Voltage vs VCC Supply Voltage
-50
-25
0
255075
100
125
0
100
200
300
400
500
Typ.
Temperature(
oC)
Max.
10
12
14
16
18
20
0
50
100
150
200
250
300
Typ.
VBS Supply Voltage(V)
Max.
- 5 0
- 2 5
0
2 5
5 0
7 5
1 0 0
1 2 5
89
1 0
1 1
1 2
1 3
Temperature(
oC)
Min.
10
12
14
16
18
20
4
6
8
10
12
14
16
V
CC Supply Voltage(V)
Min.
-50
-25
0
25
50
75
100
125
4
5
6
7
8
9
Temperature(
oC)
Max.
10
12
14
16
18
20
0
2
4
6
8
10
12
V
CC Supply Voltage(V)
Max.
Vcc=VBS=15V,
RL=50, CL=2.5nF
Vcc=VBS=15V,
RL=50, CL=2.5nF
Vcc=VBS=15V,
RL=50, CL=2.5nF
RL=50, CL=2.5nF
VCC=15V,
RL=50, CL=2.5nF
VBS=15V,
RL=50, CL=2.5nF
VBS=15V,
©2012 Fairchild Semiconductor Corporation
10
www.fairchildsemi.com
FAN7081_GF085 Rev. 1.0.1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn