Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN7081_GF085 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part No. FAN7081_GF085
Description  The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN7081_GF085 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
©2012 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FAN7081_GF085 Rev. 1.0.1
Typical Waveforms
1. Input/Output Timing
Figure 1. Input /output Timing Diagram
tphl
IN
VS
HO
tplh
2. Ouput(HO) Switching Timing
Figure 2. Switching Time Waveform Definitions
10%
90%
90%
10%
tr
tf
3.VB Drop Voltage Diagram
VBdrop
IN
VB-VS
Ig
15V
Brake before make
VCC
IN
COM
VB
HO
NC
VS
1u
50
2.2n
Ig
NC
Figure3b. VB Drop Voltage Test Circuit
Figure 3a. VB Drop Voltage Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn