Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN7081_GF085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FAN7081_GF085
Description  The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN7081_GF085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
©2012 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FAN7081_GF085 Rev. 1.0.1
Statics Electrical Characteristics
Unless otherwise specified, -40°C <= Ta <= 125°C,VCC = 15V, VBS = 15V, VS = 0V, RL = 50
, CL = 2.5nF.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Vcc and VBS supply Characteristics
VCC and VBS supply under voltage
positive going threshold
VCCUV+
VBSUV+
-
8.7
9.8
V
VCC and VBS supply under voltage
negative going threshold
VCCUV-
VBSUV-
7.4
8.2
-
V
VCC and VBS supply under voltage
hysteresis
VCCUVH
VBSUVH
-
0.2
0.5
-
V
Under voltage lockout response time
tduvcc
tduvbs
VCC: 10V-->7.3V or 7.3V-->10V
VBS: 10V-->7.3V or 7.3V-->10V
0.5
0.5
20
20
us
us
Offset supply leakage current
ILK
VB=VS=600V
-
-
50
uA
Quiescent VBS supply current
IQBS
VIN=0
-
23
250
uA
Quiescent Vcc supply current
IQCC1
VIN= 0V
-
42
120
uA
Quiescent Vcc supply current
IQCC2
VIN=15V
-
25
100
uA
Input Characteristics
High logic level input voltage
VIH
0.63VCC
-
-
V
Low logic level input voltage
VIL
-
-
0.4VCC
V
Low logic level input bias current for IN
IIN+
VIN=0
-
15
50
uA
High logic level input bias current for IN
IIN-
VIN=15V
-
0
1
uA
Output characteristics
High level output voltage, VBIAS-VO
VOH
IO=0
-
-
0.1
V
Low level output voltage, VO
VOL
IO=0
-
-
0.1
V
Peak output source current
IO1+
250
-
-
mA
Peak output sink current
IO1-
500
-
-
mA
Equivalent output resistance
ROP
40
60
RON
20
30
Note: The input parameter are referenced to COM. The VO and IO parameters are referenced to COM.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn