Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX93011 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX93011
Description  Pin compatible with CX90240 chipset
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX93011 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX93011 Datasheet HTML 1Page - Synaptics Incorporated. CX93011 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Dial-Up Modems
Controller-Based Modems
Conexant’s portfolio includes a comprehensive suite of semiconductor
solutions for communications and consumer applications.
Distinguishing Features
• Controller-based modem, no external
memory required
• V.92, V.34 and V.32bis options–V.92
includes Quick Connect, Modem-on-Hold
and PCM Upstream
• V.17/V.29 Fax Class 1/1.0 and Fax Class 2
• V.29 FastPOS and V.22 Fast Connect
• SIA Protocol and Contact ID
• V.80 sync access mode, synchronous and
asynchronous DTE interface
• V.44/V.42bis and MNP5 data compression
• V.42 and MNP2-4 error correction
• Supports 28.224 MHz or 27 MHz operation
• Serial interface (USB and USB/serial
versions available)
• Optional NVRAM support
• Pin compatible with CX90240 chipset
• CX20548 SmartDAA 4 LSD in a 16-pin QFN
• Worldwide support
• Quick time-to-market reference design
• Reference design supports 6KV isolation
Part Number CX93011
Description
CSM92/34/32 Serial Modem with
4th Generation SmartDAA
CSM92/34/32 Serial Modem with
4th Generation SmartDAA
CX93011
Controller-Based Modem with SmartDAA® 4 for
Embedded Applications
Conexant’s portfolio includes a comprehensive suite of semiconductor
solutions for broadband communications and the digital home. The CX93011
modem paired with the CX20548 SmartDAA® 4 Line Side Device (LSD), is
ideal for embedded applications such as Point of Sale (POS) terminals, Set-
Top Boxes (STB), Video Recorders, Meters, Security Systems, Remote Site
Management and other applications that require robust dial-up connectivity.
The CX93011 serial modem device set consists of a CX93011 serial interface
modem in a 6x6mm 20-pin Quad Flat-No Lead (QFN) package and CX20548
SmartDAA 4 LSD in a 4mmx4mm 16-pin QFN package.
The device set integrates the microcontroller, digital signal processor, memory,
and a worldwide DAA/telephone line interface function that operates with
public switched telephone network (PSTN) telephone lines worldwide.
The V.92 modem supports data modes up to 56 kbps and includes features
such as Quick Connect, Modem-on-Hold, and PCM Upstream. A V.34 option
and V.32bis option are also available.
Conexant’s SmartDAA 4 line side device builds on three generations of
market leading silicon DAA devices. It reduces Bill of Material (BOM) cost
and necessary board space, making it the most cost efficient silicon DAA
in the market. It eliminates the need for costly analog transformers, relays
and opto-isolators typically used in discrete DAA implementation for country-
specific modem configurations. The result is a worldwide reduced system cost
solution using a single bill of materials. The SmartDAA 4 is system-powered,
making it the most reliable and best performing silicon DAA in the market.
The CX93011 device set is pin-compatible with the CX90240 device set. USB
(CX93010) and serial/USB speakerphone (CX93021) versions of the CX93011
family chipsets are available as well.


Similar Part No. - CX93011

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX93010 CONEXANT-CX93010 Datasheet
254Kb / 2P
   Full turnkey design
CX93010X CONEXANT-CX93010X Datasheet
254Kb / 2P
   Full turnkey design
More results

Similar Description - CX93011

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3T-R-Z AIMTEC-AM3T-R-Z Datasheet
278Kb / 4P
   Pin compatible with multiple manufacturers
AM4TW-R-Z AIMTEC-AM4TW-R-Z Datasheet
225Kb / 3P
   Pin compatible with multiple manufacturers
AM2N-N-Z AIMTEC-AM2N-N-Z Datasheet
208Kb / 4P
   Pin Compatible With Multiple Manufacturers
AM3T-PNZ AIMTEC-AM3T-PNZ Datasheet
216Kb / 4P
   Pin compatible with multiple manufacturers
logo
Emerson Network Power
BXA40 EMERSON-NETWORKPOWER-BXA40 Datasheet
243Kb / 4P
   Pin-compatible with NFC40 Series
logo
AIMTEC
AM2DS-NZ AIMTEC-AM2DS-NZ Datasheet
193Kb / 5P
   Pin compatible with multiple manufacturers
AM3TW-R-Z AIMTEC-AM3TW-R-Z Datasheet
226Kb / 3P
   Pin compatible with multiple manufacturers
AM6T-NZ AIMTEC-AM6T-NZ Datasheet
252Kb / 4P
   Pin compatible with multiple manufacturers
logo
Maxim Integrated Produc...
MAX13171E MAXIM-MAX13171E Datasheet
904Kb / 38P
   Multiprotocol, Pin-Selectable Data Interface Chipset
Rev 1; 7/09
logo
ATMEL Corporation
SAM3N ATMEL-SAM3N_14 Datasheet
1Mb / 60P
   Pin-to-pin compatible with SAM7S legacy products
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com