Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CX25874 Datasheet(PDF) 4 Page - Conexant Systems, Inc

Part No. CX25874
Description  Video Encoder with HDTV Output
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONEXANT [Conexant Systems, Inc]
Homepage  http://www.conexant.com
Logo 

CX25874 Datasheet(HTML) 4 Page - Conexant Systems, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
features
and
specifications
www.conexant.com
General Information:
U.S. and Canada: (800) 854-8099
International: (949) 483-6996
Headquarters – Newport Beach
4311 Jamboree Rd, P.O. Box C
Newport Beach, CA 92660-3095
Order# 101812A
01-0916
© 2001, Conexant Systems, Inc. All Rights Reserved.
Conexant and the Conexant logo are trademarks
of Conexant Systems, Inc. Other trademarks are
owned by their respective owners. Although Conexant
strives for accuracy in all its publications, this material
may contain errors or omissions and is subject to
change without notice. THIS MATERIAL IS PROVIDED AS IS
AND WITHOUT ANY EXPRESS OR IMPLIED WARRANTIES,
INCLUDING MERCHANTABILITY, FITNESS FOR A PARTICULAR
PURPOSE AND NON-INFRINGEMENT.
Conexant shall not be
liable for any special, indirect, incidental or consequential
damages as a result of its use.
• HDTV output
• CGMS support
• Adaptive flicker filtering for enhanced
image and text sharpness
• 5-line vertical and horizontal
flicker filtering
• Supports any input resolution from
320 x 200 to 1024 x 768
• 48 automatic configuration modes
• Programmable power management
• Software-forward compatibility with
the CX25870 and CX25871
• Pin compatibility with the CX25872
and CX25873
• SCART
• WSS 16:9 (wide screen signaling)
support
• Macrovision 7.1.L1 copy protection
(CX25875 only)
• 525p/625p specification compliance
(CX25875 only)
• 10-bit DACs for superior picture quality
• Overscan compensation ratios
from 0 to 25%
• Serial programming interface
• Buffered crystal clock output
• NTSC/PAL/SECAM TV outputs:
– Interlaced or non-interlaced
– Composite
– S-video (Y/C)
– Simultaneous S-video and
Composite
YUV
• YCrCb non-interlaced input to
interlaced output
– 16-bit 4:2:2 multiplexed 8-bit input
– 24-bit 4:4:4 multiplexed 12-bit input
• RGB non-interlaced input to
interlaced output
– 15/16-bit multiplexed 8-bit input
– 24-bit multiplexed 12-bit input
• RGB non-interlaced input to RGB
non-interlaced output
– 15/16-bit multiplexed 8-bit input
– 24-bit multiplexed 12-bit input
• RGB or YCrCb interlaced input to
interlaced output
– CCIR656
– CCIR601/DVD
– VESA VIP
• 64-pin TQFP
Applications
• Desktop PCs
• Graphics cards
• Notebook computers
• Game consoles
• Digital television receiver cards
• Living room PCs
• Internet PCs
• Progressive DVD players
• Set-top boxes
Product Features


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn