Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGN-375B01W-35-2M4 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # HGN-375B01W-35-2M4
Description  FUSED WITH ON/OFF SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

HGN-375B01W-35-2M4 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  HGN-375B01W-35-2M4 Datasheet HTML 1Page - PowerDynamics, Inc HGN-375B01W-35-2M4 Datasheet HTML 2Page - PowerDynamics, Inc HGN-375B01W-35-2M4 Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice. Dimensions (mm). See Appendix A for
recommended power cord. See PDI full line catalog for detailed specifications on power cords.
MECHANICAL DIMENSIONS
(Unit: mm)
CASE A
CASE B
CASE C
MECHANICAL DIMENSIONS
FEATURES
The HGN-375(A, B, C) series offers filters in three different
package styles - Flange mount (sides), Flange mount (top/
bottom), & snap-in type. This cost effective series offers more
component options with better performance in curbing
common and differential mode noise. These filters are
equipped with IEC connector, fuse holder for one or two 5 x
20 mm fuses, 2 pole on/off switch and fully enclosed metal
housing.
These filters are also available for Medical equipment with
low leakage current and have been designed to bring various
medical equipments into compliance with EN55011 and FCC
Part 15J, Class B conducted emissions limits.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Rated Voltage: 125/250VAC
Rated Current: 1A, 2A, 3A, 4A, 6A, 10A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: 0.5mA, max
@ 250VAC 50Hz: 1.0mA, max
@ 125VAC 60Hz: 2µA*, max
@ 250VAC 50Hz: 5µA*, max
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
* Medical application
(Unit: mm)
FUSED WITH ON/OFF SWITCH, IEC 60320 POWER INLET
SOCKET WITH FUSE/S (5X20MM)
HGN-375(A,B,C)
29 6.3 TYP.
72.0
60.8
R2.5 TYP.
RECOMMENDED PANEL CUTOUT
(MOUNT FROM FRONT)
29.3
2x 3.5
+0.5
+0.5
+0.1
59.8
48.7
(3.5)
82 72
2x 3.3
Use only with a 250V fuse
Employer uniquement avec
un fusible de 250V
29 6.3 TYP.
R2.5 TYP.
29.3
61.4
+0.5
+0.3
SUGGESTED PANEL CUTOUT
(MOUNTING FROM FRONT)
THICKNESS OF PANEL IS FROM
1.00mm to 1.6mm
59.8
(56.2)
48.7
(3.5)
(61.3)
28
65
32
59.5
Use only with a 250V fuse
Employer uniquement avec
un fusible de 250V
49.83
32.45
65.4
40+--0.2
O
Use only with a 250V Fuse
Employer uniqement avec
un fusible de 250V
60.0
49.37
3.5
55.04
60.71
4x R0.5
2x M3
61.5
81
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - HGN-375B01W-35-2M4

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-10M-F1 POWERDYNAMICS-HGN-375-10M-F1 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-10M-F2 POWERDYNAMICS-HGN-375-10M-F2 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-1M-F1 POWERDYNAMICS-HGN-375-1M-F1 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-375-1M-F2 POWERDYNAMICS-HGN-375-1M-F2 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
More results

Similar Description - HGN-375B01W-35-2M4

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
HGN-367A POWERDYNAMICS-HGN-367A Datasheet
125Kb / 2P
   FUSED WITH DISTANCE SWITCH, IEC 60320 POWER INLET SOCKET WITH FUSE/S (5X20MM)
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-375 POWERDYNAMICS-HGN-375 Datasheet
394Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SINGLE AND DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-339 POWERDYNAMICS-HGN-339 Datasheet
401Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
HGN-341 POWERDYNAMICS-HGN-341 Datasheet
446Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, VOLTAGE SELECT AND A FUSE HOLDER, SNAP-IN MOUNT
44R01-X131-XXX POWERDYNAMICS-44R01-X131-XXX Datasheet
61Kb / 1P
   IEC 60320 STRIP APPL. INLET & OUTLET SNAP IN, QC TERM., 5x20mm FUSE HOLDER
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com