Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

04200005UR Datasheet(PDF) 1 Page - Littelfuse

Part # 04200005UR
Description  PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

04200005UR Datasheet(HTML) 1 Page - Littelfuse

  04200005UR Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
www .littelfuse .com
Subminiature Surface Mount
PICO
® SMF Slo-Blo® Type Fuse 420 Series (250V)
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
1 second, Min.; 120 seconds, Max.
300%
0.2 second, Min.; 3 seconds, Max.
800%
0.02 second, Min.; 0.1 second, Max.
AGENCY APPROVALS: Recognized under the Components Program
of Underwriters Laboratories and Certified by CSA.
460 SERIES INTERRUPTING RATINGS:
1A through 5A, 35A @ 250 VAC
0.5A, 20A @ 250 VAC
Soldering Parameters:
Wave Solder — 260°C, 3 seconds maximum
Reflow Solder — 230°C, 30 seconds maximum
Resistance to Soldering Heat: MIL-STD-202,
Method 210 (3 sec. at 260°C)
PACKAGING SPECIFICATIONS: 12mm Tape and Reel per EIA-
RS481-1 (IEC 286, part 3); 500 per reel, add packaging suffix, UR.
ORDERING INFORMATION:
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Rating
Cold Ohms
A
2 Sec.
0420 0001UR
1
250
0.280
2.01
0420 0002UR
11/2
250
0.116
3.94
0420 0003UR
2
250
0.0172
7.60
0420 0004UR
21/2
250
0.052
13.0
0420 0005UR
3
250
0.038
21.0
0420 0006UR
31/2
250
0.024
26.8
0420 0007UR
4
250
0.0194
35.0
0420 0008UR
5
250
0.0133
54.8
0420 0009UR
1
/2
250
1.19
0.210
®
®
4.32
(.170")
5 A
2 5 0 V
LF
4 2 0
B 3
®
®
3.05
(.120")
2.97
(.117")
7.24(.285")
REF.
8.26
(.325")
1.65
(.065")
4.95
(.195")
1.30(.051")
REF.
2.03
(.080")
RECOMMENDED
PAD LAYOUT
RoHS
Surface Mount Fuses


Similar Part No. - 04200005UR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04200001UR LITTELFUSE-04200001UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200002UR LITTELFUSE-04200002UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200003UR LITTELFUSE-04200003UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200004UR LITTELFUSE-04200004UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200006UR LITTELFUSE-04200006UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
More results

Similar Description - 04200005UR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04200006UR LITTELFUSE-04200006UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200008UR LITTELFUSE-04200008UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200001UR LITTELFUSE-04200001UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200002UR LITTELFUSE-04200002UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200003UR LITTELFUSE-04200003UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200004UR LITTELFUSE-04200004UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
04200007UR LITTELFUSE-04200007UR Datasheet
706Kb / 1P
   PICO짰 SMFSlo-Blo짰 Type Fuse 420 Series (250V)
0473002.YRT3L LITTELFUSE-0473002.YRT3L Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473004.YRT1- LITTELFUSE-0473004.YRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
0473.375YRT1- LITTELFUSE-0473.375YRT1- Datasheet
23Kb / 1P
   PICO짰 II Slo-Blo짰 Type Fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com