Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE4353 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJE4353
Description  16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE4353 Datasheet(HTML) 4 Page - Motorola, Inc

  MJE4353 Datasheet HTML 1Page - Motorola, Inc MJE4353 Datasheet HTML 2Page - Motorola, Inc MJE4353 Datasheet HTML 3Page - Motorola, Inc MJE4353 Datasheet HTML 4Page - Motorola, Inc MJE4353 Datasheet HTML 5Page - Motorola, Inc MJE4353 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJE4342 MJE4343 MJE4352 MJE4353
4
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
0.01
0.02
0.05
1.0
2.0
5.0
10
20
50
100
2000
0.1
0.5
0.2
1.0
0.2
0.1
0.05
θJC(t) = r(t) θJC
θJC = 1.0°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.2
Figure 9. Thermal Response
0.5
D = 0.5
0.05
0.02
200
500
1000
0.1
0.02
0.01
SINGLE PULSE
100
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.1
200
50
1.0
Figure 10. Maximum Forward Bias Safe
Operating Area
5.0 ms
dc
20
150
30
20
10
7.0
5.0
3.0
MJE4342
0.2
0.5
2.0
5.0
10
50
70 100
MJE4352
MJE4343
MJE4353
SECONDARY BREAKDOWN LIMITED
THERMAL LIMIT TC = 25°C
BONDING WIRE LIMITED
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Bias Safe Operating Area
and represents the voltage–current conditions during re-
verse biased turn–off. This rating is verified under clamped
conditions so that the device is never subjected to an ava-
lanche mode. Figure 11 gives RBSOA characteristics.
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 10 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated
when TC ≥ 25_C. Second breakdown limitations do not der-
ate the same as thermal limitations. Allowable current at the
voltages shown on Figure 10 may be found at any case tem-
perature by using the appropriate curve on Figure 9.
20
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
8.0
Figure 11. Maximum Reverse Bias Safe
Operating Area
16
120
100
80
60
40
20
MJE4342
4.0
12
140
160
180
MJE4352
MJE4343
MJE4353
TJ = 100°C
VBE(off) ≤ 5 V


Similar Part No. - MJE4353

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJE4353 MOSPEC-MJE4353 Datasheet
135Kb / 4P
   POWER TRANSISTORS(16A,100-160V,125W)
logo
Savantic, Inc.
MJE4353 SAVANTIC-MJE4353 Datasheet
139Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE4353 ONSEMI-MJE4353 Datasheet
147Kb / 7P
   High?뭋oltage  High Power Transistors
March, 2006 ??Rev. 4
logo
Inchange Semiconductor ...
MJE4353 ISC-MJE4353 Datasheet
134Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE4353 ONSEMI-MJE4353 Datasheet
138Kb / 8P
   High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
More results

Similar Description - MJE4353

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ15003 MOTOROLA-MJ15003 Datasheet
119Kb / 4P
   20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 250 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
logo
Motorola, Inc
BD315 MOTOROLA-BD315 Datasheet
109Kb / 3P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJ21193 MOTOROLA-MJ21193 Datasheet
173Kb / 6P
   16 ampere complementary silicon power transistors 250 volts 250 watts
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
D45C MOTOROLA-D45C Datasheet
94Kb / 4P
   4.0 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com