Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VAOS-C-A402G9 Datasheet(PDF) 2 Page - Visual Communications Company

Part No. VAOS-C-A402G9
Description  SINGLE DIGIT DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VCC [Visual Communications Company]
Homepage  http://vcclite.com
Logo 

VAOS-C-A402G9 Datasheet(HTML) 2 Page - Visual Communications Company

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings at Ta=25℃
Parameter
Symbol
Yellow Green
Unit
Power dissipation per dice
PAD
70
mW
Derating Liner from 25℃ per dice
-
0.33
mA∕℃
Continuous forward current per dice
IAF
25
mA
Peak current per dice (duty cycle 1/10, 1kHz)
IPF
90
mA
Reverse voltage per dice
VR
5
V
Operating temperature
Topr
-25 to +85
Storage temperature
Tstg
-25 to +85
Solder temperature 1/16 inch below seating plane for 3 seconds at 260℃
Electrical / Optical Characteristics and Curves at Ta=25℃
Parameter
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Forward Voltage per segment
VF
IF=20 mA
2.1
2.8
V
Luminous intensity per segment
IV
IF=20 mA
7.0
mcd.
Peak emission wavelength
λ
d
IF=20 mA
565
nm
Spectrum radiation bandwidth
△λ
IF=20 mA
30
Deg.
Reverse Current
IR
VR=5 V
100
μ
A
* Tolerance : ±20%.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn