Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0448001.MR Datasheet(PDF) 3 Page - Littelfuse

Part # 0448001.MR
Description  Surface Mount Fuses Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0448001.MR Datasheet(HTML) 3 Page - Littelfuse

  0448001.MR Datasheet HTML 1Page - Littelfuse 0448001.MR Datasheet HTML 2Page - Littelfuse 0448001.MR Datasheet HTML 3Page - Littelfuse 0448001.MR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2012 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
448 Series
NANO> Very Fast-Acting > 448 Series
Please refer to www.littelfuse.com/series/448.html for current information.
Average Time Current Curves
Reflow Condition
Pre Heat
- Temperature Min (T
s(min))
- Temperature Max (T
s(max))
- Time (Min to Max) (t
s)
60 – 120 secs
Average ramp up rate (Liquidus Temp
(T
L) to peak
T
S(max) to TL - Ramp-up Rate
Reflow
- Temperature (T
L) (Liquidus)
- Temperature (t
L)
60 – 90 seconds
Peak Temperature (T
P)
250+0/-5
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
Time 25°C to peak Temperature (T
P)
8 minutes max.
Do not exceed
Wave Soldering Parameters
Temperature, 10
seconds max.
Soldering Parameters
Temperature Rerating Curve
0.001
0.01
0.1
1
10
100
0
0
0
1
0
0
1
0
1
1
1
.
0
CURRENT IN AMPS
continuous operation.
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP


Similar Part No. - 0448001.MR

ManufacturerPart #DatasheetDescription
Littelfuse
Littelfuse
0448001. LITTELFUSE-0448001. Datasheet
142Kb / 1P
   Surface Mount Fuses
More results

Similar Description - 0448001.MR

ManufacturerPart #DatasheetDescription
Littelfuse
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
419 LITTELFUSE-419 Datasheet
65Kb / 2P
   SURFACE MOUNT FUSES
425 LITTELFUSE-425 Datasheet
69Kb / 2P
   SURFACE MOUNT FUSES
0154004.DR LITTELFUSE-0154004.DR Datasheet
701Kb / 2P
   Surface Mount Fuses
0157001.DRT LITTELFUSE-0157001.DRT Datasheet
189Kb / 4P
   Surface Mount Fuses
48008 LITTELFUSE-48008 Datasheet
508Kb / 4P
   Surface Mount Fuses
Bel Fuse Inc.
Bel Fuse Inc.
04291.75WRM BEL-04291.75WRM Datasheet
87Kb / 1P
   Surface Mount Fuses
0429003.WRM BEL-0429003.WRM Datasheet
93Kb / 1P
   Surface Mount Fuses
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com