Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4314-147 Datasheet(PDF) 2 Page - ebm-papst

Part No. 4314-147
Description  DC axial compact fan
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4314-147 Datasheet(HTML) 2 Page - ebm-papst

  4314-147 Datasheet HTML 1Page - ebm-papst 4314-147 Datasheet HTML 2Page - ebm-papst 4314-147 Datasheet HTML 3Page - ebm-papst 4314-147 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC axial compact fan
4314-147
Technical features
Dimensions
119 x 119 x 32 mm
General description
Particular design features:
Ball bearings and sleeve bearings available.
Optional Vario-Pro: Highly flexible software configuration for the fan ensures an easily customisable
solution to meet the individual requirements of your application.
General features:
Material: fibreglass-reinforced plastic. Impeller PA, housing PBT.
Electronic commutation completely integrated.
Protected against reverse polarity and locking.
Connection via single strands AWG 22, TR 64, bared and tin-plated.
Air exhaust over bars. Rotational direction clockwise looking at rotor.
Mass: 220 g.
Connection line
Single strands AWG 22, TR 64, bared and tin-plated.
Locked-rotor protection
Blocking and overload protection
Direction of rotation
Right, looking at rotor
Direction of air flow
Air exhaust over bars
Bearing
Ball bearings
Lifetime L10 at 40 °C
57500 h
Lifetime L10 at maximum
temperature
25000 h
Mass
0.220 kg
Housing material
Fiberglass-reinforced PBT plastic
Material of impeller
Fiberglass-reinforced PA plastic
Motor protection
Protected against reverse polarity and locking.
Approval
VDE, CSA, UL, CE
Web data sheet D · Page 2 of 4
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 4314-147

ManufacturerPart No.DatasheetDescription
ebm-papst
ebm-papst
4314-147 EBMPAPST-4314-147 Datasheet
430Kb / 3P
   DC axial fans
More results

Similar Description - 4314-147

ManufacturerPart No.DatasheetDescription
ebm-papst
ebm-papst
53182TDHP EBMPAPST-53182TDHP Datasheet
175Kb / 4P
   DC axial compact fan
63182TDHHP EBMPAPST-63182TDHHP Datasheet
170Kb / 4P
   DC axial compact fan
252N EBMPAPST-252N Datasheet
282Kb / 3P
   DC axial compact fan
255H EBMPAPST-255H Datasheet
289Kb / 4P
   DC axial compact fan
412 EBMPAPST-412 Datasheet
311Kb / 4P
   DC axial compact fan
414J EBMPAPST-414J Datasheet
314Kb / 4P
   DC axial compact fan
3212JH EBMPAPST-3212JH Datasheet
523Kb / 4P
   DC axial compact fan
3214JH4 EBMPAPST-3214JH4 Datasheet
523Kb / 4P
   DC axial compact fan
3314 EBMPAPST-3314 Datasheet
301Kb / 4P
   DC axial compact fan
3314G EBMPAPST-3314G Datasheet
302Kb / 4P
   DC axial compact fan
3412NGH EBMPAPST-3412NGH Datasheet
285Kb / 4P
   DC axial compact fan
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz