Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9832 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9832
Description  CMOS Complete DDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9832 Datasheet(HTML) 3 Page - Analog Devices

  AD9832 Datasheet HTML 1Page - Analog Devices AD9832 Datasheet HTML 2Page - Analog Devices AD9832 Datasheet HTML 3Page - Analog Devices AD9832 Datasheet HTML 4Page - Analog Devices AD9832 Datasheet HTML 5Page - Analog Devices AD9832 Datasheet HTML 6Page - Analog Devices AD9832 Datasheet HTML 7Page - Analog Devices AD9832 Datasheet HTML 8Page - Analog Devices AD9832 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
AD9832
REV. A
TIMING CHARACTERISTICS (V
DD = +3.3 V
10%; +5 V
10%; AGND = DGND = 0 V, unless otherwise noted)
Limit at
TMIN to TMAX
Parameter
(B Version)
Units
Test Conditions/Comments
t1
40
ns min
MCLK Period
t2
16
ns min
MCLK High Duration
t3
16
ns min
MCLK Low Duration
t4
50
ns min
SCLK Period
t5
20
ns min
SCLK High Duration
t6
20
ns min
SCLK Low Duration
t7
15
ns min
FSYNC to SCLK Falling Edge Setup Time
t8
20
ns min
FSYNC to SCLK Hold Time
SCLK – 5
ns max
t9
15
ns min
Data Setup Time
t10
5
ns min
Data Hold Time
t11
8
ns min
FSELECT, PSEL0, PSEL1 Setup Time Before MCLK Rising Edge
t11A*
8
ns min
FSELECT, PSEL0, PSEL1 Setup Time After MCLK Rising Edge
*See Pin Function Descriptions.
Guaranteed by design but not production tested.
MCLK
t2
t1
t3
Figure 2. Master Clock
SCLK
FSYNC
SDATA
t5
t4
t6
t7
t8
t10
t9
D15
D14
D2
D1
D0
D15
D14
Figure 3. Serial Timing
t11A
t11
VALID DATA
VALID DATA
VALID DATA
MCLK
FSELECT
PSEL0, PSEL1
Figure 4. Control Timing


Similar Part No. - AD9832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9832BRU AD-AD9832BRU Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRU-REEL7 AD-AD9832BRU-REEL7 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRUZ AD-AD9832BRUZ Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRUZ-REEL AD-AD9832BRUZ-REEL Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9832BRUZ-REEL7 AD-AD9832BRUZ-REEL7 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
More results

Similar Description - AD9832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9830 AD-AD9830 Datasheet
218Kb / 16P
   CMOS Complete DDS
REV. A
AD9831 AD-AD9831 Datasheet
172Kb / 16P
   CMOS Complete DDS
REV. A
AD9852ASQZ AD-AD9852ASQZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_07 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852_15 Datasheet
1Mb / 52P
   CMOS 300 MSPS Complete DDS
Rev. E
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9854ASVZ AD-AD9854ASVZ Datasheet
1Mb / 52P
   CMOS 300 MSPS Quadrature Complete DDS
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com