Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9826 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9826
Description  Complete 16-Bit Imaging Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9826 Datasheet(HTML) 5 Page - Analog Devices

  AD9826 Datasheet HTML 1Page - Analog Devices AD9826 Datasheet HTML 2Page - Analog Devices AD9826 Datasheet HTML 3Page - Analog Devices AD9826 Datasheet HTML 4Page - Analog Devices AD9826 Datasheet HTML 5Page - Analog Devices AD9826 Datasheet HTML 6Page - Analog Devices AD9826 Datasheet HTML 7Page - Analog Devices AD9826 Datasheet HTML 8Page - Analog Devices AD9826 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD9826
–5–
REV. A
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Type
Description
1
CDSCLK1
DI
CDS Reference Level Sampling Clock
2
CDSCLK2
DI
CDS Data Level Sampling Clock
3
ADCCLK
DI
A/D Converter Sampling Clock
4
OEB
DI
Output Enable, Active Low
5
DRVDD
P
Digital Output Driver Supply
6
DRVSS
P
Digital Output Driver Ground
7
D7
DO
Data Output MSB. ADC DB15 High Byte, ADC DB7 Low Byte
8
D6
DO
Data Output. ADC DB14 High Byte, ADC DB6 Low Byte
9
D5
DO
Data Output. ADC DB13 High Byte, ADC DB5 Low Byte
10
D4
DO
Data Output. ADC DB12 High Byte, ADC DB4 Low Byte
11
D3
DO
Data Output. ADC DB11 High Byte, ADC DB3 Low Byte
12
D2
DO
Data Output. ADC DB10 High Byte, ADC DB2 Low Byte
13
D1
DO
Data Output. ADC DB9 High Byte, ADC DB1 Low Byte
14
D0
DO
Data Output LSB. ADC DB8 High Byte, ADC DB0 Low Byte
15
SDATA
DI/DO
Serial Interface Data Input/Output
16
SCLK
DI
Serial Interface Clock Input
17
SLOAD
DI
Serial Interface Load Pulse
18, 28
AVDD
P
5 V Analog Supply
19, 27
AVSS
P
Analog Ground
20
CAPB
AO
ADC Bottom Reference Voltage Decoupling
21
CAPT
AO
ADC Top Reference Voltage Decoupling
22
VINB
AI
Analog Input, Blue Channel
23
CML
AO
Internal Bias Level Decoupling
24
VING
AI
Analog Input, Green Channel
25
OFFSET
AO
Clamp Bias Level Decoupling
26
VINR
AI
Analog Input, Red Channel
TYPE: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD9826
CDSCLK1
AVDD
CDSCLK2
AVSS
VINR
ADCCLK
OFFSET
OEB
VING
DRVDD
DRVSS
CML
(MSB) D7
VINB
D6
CAPT
D5
CAPB
D4
AVSS
D3
AVDD
SLOAD
D2
SCLK
D1
(LSB) D0
SDATA


Similar Part No. - AD9826

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9826KRSZ AD-AD9826KRSZ Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
AD9826KRSZRL AD-AD9826KRSZRL Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
More results

Similar Description - AD9826

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
AD9821 AD-AD9821 Datasheet
277Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066 Datasheet
427Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
REV. A
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com