Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9775 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 3 Page - Analog Devices

  AD9775 Datasheet HTML 1Page - Analog Devices AD9775 Datasheet HTML 2Page - Analog Devices AD9775 Datasheet HTML 3Page - Analog Devices AD9775 Datasheet HTML 4Page - Analog Devices AD9775 Datasheet HTML 5Page - Analog Devices AD9775 Datasheet HTML 6Page - Analog Devices AD9775 Datasheet HTML 7Page - Analog Devices AD9775 Datasheet HTML 8Page - Analog Devices AD9775 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
REV. 0
–3–
AD9775
DC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
DC Accuracy
1
Integral Nonlinearity
–5
±1.5
+5
LSB
Differential Nonlinearity
–3
±1.0
+3
LSB
ANALOG OUTPUT (for IR and 2R Gain Setting Modes)
Offset Error
–0.02
±0.01
+0.02
% of FSR
Gain Error (With Internal Reference)
–1.0
+1.0
% of FSR
Gain Matching
–1.0
±0.1
+1.0
% of FSR
Full-Scale Output Current
2
220
mA
Output Compliance Range
–1.0
+1.25
V
Output Resistance
200
k
Output Capacitance
3
pF
Gain, Offset Cal DACs, Monotonicity Guaranteed
REFERENCE OUTPUT
Reference Voltage
1.14
1.20
1.26
V
Reference Output Current
3
100
nA
REFERENCE INPUT
Input Compliance Range
0.1
1.25
V
Reference Input Resistance (REFLO = 3 V)
10
M
Small Signal Bandwidth
0.5
MHz
TEMPERATURE COEFFICIENTS
Offset Drift
0
ppm of FSR/
°C
Gain Drift (With Internal Reference)
50
ppm of FSR/
°C
Reference Voltage Drift
ppm/
°C
POWER SUPPLY
AVDD
Voltage Range
3.1
3.3
3.5
V
Analog Supply Current (IAVDD)
4
72.5
76
mA
IAVDD in SLEEP Mode
23.3
26
mA
CLKVDD
Voltage Range
3.1
3.3
3.5
V
Clock Supply Current (ICLKVDD)
4
8.5
mA
CLKVDD (PLL ON)
Clock Supply Current (ICLKVDD)23.5
mA
DVDD
Voltage Range
3.1
3.3
3.5
V
Digital Supply Current (IDVDD)
4
34
41
mA
Nominal Power Dissipation
380
410
mW
PDIS
5
1.75
W
PDIS IN PWDN
6.0
mW
Power Supply Rejection Ratio—AVDD
±0.4
% of FSR/V
OPERATING RANGE
–40
+85
°C
NOTES
1Measured at I
OUTA driving a virtual ground.
2Nominal full-scale current, I
OUTFS, is 32
× the I
REF current.
3Use an external amplifier to drive any external load.
4100 MSPS f
DAC with fOUT = 1 MHz, all supplies = 3.3 V, no interpolation, no modulation.
5400 MSPS f
DAC = 50 MSPS, fS/2 modulation, PLL enabled.
Specifications subject to change without notice.
(TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 3.3 V, IOUTFS = 20 mA, unless
otherwise noted.)
AD9775–SPECIFICATIONS


Similar Part No. - AD9775

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9775 AD-AD9775 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9775 AD-AD9775 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9775 AD-AD9775 Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9775 AD-AD9775_15 Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2/4/8 Interpolating
Rev. E
More results

Similar Description - AD9775

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
   12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
Texas Instruments
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Analog Devices
AD9767 AD-AD9767 Datasheet
469Kb / 27P
   14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
logo
Texas Instruments
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com