Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9775 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9775
Description  14-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9775 Datasheet(HTML) 5 Page - Analog Devices

  AD9775 Datasheet HTML 1Page - Analog Devices AD9775 Datasheet HTML 2Page - Analog Devices AD9775 Datasheet HTML 3Page - Analog Devices AD9775 Datasheet HTML 4Page - Analog Devices AD9775 Datasheet HTML 5Page - Analog Devices AD9775 Datasheet HTML 6Page - Analog Devices AD9775 Datasheet HTML 7Page - Analog Devices AD9775 Datasheet HTML 8Page - Analog Devices AD9775 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
REV. 0
–5–
AD9775
DIGITAL SPECIFICATIONS
(TMIN to TMAX, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, DVDD = 3.3 V, IOUTFS = 20 mA, unless
otherwise noted.)
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic “1” Voltage
2.1
3
V
Logic “0” Voltage
0
0.9
V
Logic “1” Current
–10
+10
µA
Logic “0” Current
–10
+10
µA
Input Capacitance
5
pF
CLOCK INPUTS
Input Voltage Range
0
3
V
Common-Mode Voltage
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
V
Specifications subject to change without notice.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9775 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
Parameter
With Respect to
Min
Max
Unit
AVDD, DVDD, CLKVDD
AGND, DGND, CLKGND
–0.3
+4.0
V
AVDD, DVDD, CLKVDD
AVDD, DVDD, CLKVDD
–4.0
+4.0
V
AGND, DGND, CLKGND
AGND, DGND, CLKGND
–0.3
+0.3
V
REFIO, REFLO, FSADJ1/2
AGND
–0.3
AVDD + 0.3
V
IOUTA, IOUTB
AGND
–1.0
AVDD + 0.3
V
P1B13–P1B0, P2B13–P2B0
DGND
–0.3
DVDD + 0.3
V
DATACLK, PLL_LOCK
DGND
–0.3
DVDD + 0.3
V
CLK+, CLK–, RESET
CLKGND
–0.3
CLKVDD + 0.3
V
LPF
CLKGND
–0.3
CLKVDD + 0.3
V
SPI_CSB, SPI_CLK,
DGND
–0.3
DVDD + 0.3
V
SPI_SDIO, SPI_SDO
Junction Temperature
+125
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
*Stresses above those listed under the ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
*
AD9775BSV
–40
°C to +85°C 80-Lead TQFP
SV-80
AD9775EB
Evaluation Board
*SV = Thin Plastic Quad Flatpack
THERMAL CHARACTERISTICS
Thermal Resistance
80-Lead Thermally Enhanced
TQFP Package JA = 23.5
°C/W*
*With thermal pad soldered to PCB.


Similar Part No. - AD9775

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9775 AD-AD9775 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9775 AD-AD9775 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9775 AD-AD9775 Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
AD9775 AD-AD9775_15 Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2/4/8 Interpolating
Rev. E
More results

Similar Description - AD9775

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9773BSV AD-AD9773BSV Datasheet
1Mb / 60P
   12-Bit, 160 MSPS, 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. D
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
AD9777 AD-AD9777 Datasheet
5Mb / 48P
   16-Bit, 160 MSPS 2X/4X/8X Interpolating Dual TxDAC D/A Converter
REV. 0
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
logo
Renesas Technology Corp
DAC1405D750 RENESAS-DAC1405D750 Datasheet
415Kb / 41P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
logo
Texas Instruments
DAC5674 TI-DAC5674_15 Datasheet
1Mb / 40P
[Old version datasheet]   14-BIT,400 MSPS,2X/4X INTERPOLATING COMMSDAC DIGITAL-TO-ANALOG CONVERTER
logo
NXP Semiconductors
DAC1405D750 PHILIPS-DAC1405D750_11 Datasheet
379Kb / 42P
   Dual 14-bit DAC, up to 750 Msps; 4x and 8x interpolating
Rev. 4-7 June 2011
logo
Analog Devices
AD9767 AD-AD9767 Datasheet
469Kb / 27P
   14-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
logo
Texas Instruments
DAC5674 TI1-DAC5674 Datasheet
1Mb / 39P
[Old version datasheet]   14-BIT, 40 MSPS, 2x/4x INTERPOLATING CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com