Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9768 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9768
Description  Ultrahigh Speed IC D/A Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9768 Datasheet(HTML) 2 Page - Analog Devices

  AD9768 Datasheet HTML 1Page - Analog Devices AD9768 Datasheet HTML 2Page - Analog Devices AD9768 Datasheet HTML 3Page - Analog Devices AD9768 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV. A
–2–
AD9768–SPECIFICATIONS
(typical @ +25 C under following conditions unless otherwise noted; nominal digital
input levels; nominal power supplies; RL = 50
; RSET = 220
; VRET = 0 V)
AD9768SD D/A Schematic
Parameter
Unit
AD9768SJD/SD/SE
RESOLUTION(FS = FULL SCALE)
Bits
8
LSB WEIGHT (CURRENT)
µA78
ACCURACY
1
Differential Nonlinearity
± % FS
0.2
Integral Nonlinearity
± % FS
0.2
Monotonicity
Guaranteed
Zero Offset (lnitial)
µA60
TEMPERATURE COEFFICIENTS
Zero Offset
ppm/
°C
1.5
Reference Voltage (–1.26 V)
ppm/
°C70
DIGITAL DATA INPUTS
Logic Compatibility
ECL
Logic Voltage Levels “l” =
V
–0.9
“0” =
V
–1.7
Coding
Binary (BIN) = Unipolar Out
Offset Binary (OBN) = Bipolar Out
OUTPUT
Current (Unipolar) FS
mA (max)
2 to 20 (30)
IOUT (@ Pin 13)
All Digital “1” Input
mA
20
All Digital “0” Input
mA
0
IOUT(@ Pin 14)
All Digital “l” Input
mA
0
All Digital “0” Input
mA
20
Compliance
V (Pin 13)
–0.7 to +3.0
V (Pin 14)
–1.1 to +3.0
Impedance
Ω (±15%)
750
SPEED PERFORMANCE
Settling Time (to 0.2% FS)
2
ns
5
Slew Rate
V/
µs
400
Update Rate
MSPS
100
Rise Time
ns
1.8
Glitch Energy
pV-sec
200
REFERENCE
Internal, Monolithic
3
V
–1.26
External, Variable
4
Voltage-Multiplying Mode
V (max)
0 to –1.1 (–2)
Current-Multiplying Mode
mA (max)
0 to –5 (–7.5 )
VOLTAGE-MULTIPLYING MODE
4 (See Figure 2)
VM Range (at Pin 16)
V
±0.5
VM Center
V
–0.6
Resistance (at Pin 16)
k
800
Transfer Function –
Measured at Pin 13; Digital “0” Applied
to Bits 1-8:
–0.1 VM Input = 0 mA IOUT
–1.1 VM Input = 0 mA IOUT
Measured at Pin 13; Digital “1” Applied
to Bits 1-8:
–0.1 VM Input = 1 mA IOUT
–1.1 VM Input = 20 mA IOUT
Large Signal Bandwidth (–3 dB Point)
kHz
250
Parameter
Unit
AD9768SJD/SD/SE
CURRENT-MULTIPLYING MODE
(See Figure 4)
IM Range (at Pins 17 & 18)
mA
0 to 5
Resistance (at Pin 18)
160
Transfer Function –
Measured at Pin 13; Digital “0” Applied
to Bits 1-8:
1 mA IM Input = 0 mA IOUT
5 mA IM Input = 0 mA IOUT
Measured at Pin 13; Digital “1” Applied
to Bits 1-8:
1 mA IM Input = 4 mA IOUT
5 mA IM Input = 20 mA IOUT
Large Signal Bandwidth (–3dB Point)
MHz
40
POWER REQUIREMENTS
–5.2 V
±0.25
mA (max)
66(70)
+5.0 V
±0.25
mA (max)
14(15)
Power Dissipation
mW (max)
410(430)
Power Supply Sensitivity
5
%/%
0.07
TEMPERATURE RANGES
6
Operating
AD9768JD
°C
0 to +70
AD9768SD/SE
°C
–55 to +125
Storage
°C
–55 to +150
THERMAL RESlSTANCE
7
Junction to Air,
θ
JA (Free Air)
°C/W
90
Junction to Case,
θ
JA
°C/W
20
PACKAGE OPTION
8
Ceramic (D-18)
AD9768JD
AD9768SD
LCC (E-20A)
AD9768SE
NOTES
1Relative to FS, including linearity (within voltage compliance limits).
2Worst case settling time; includes FS and Most Significant Bit (MSB) transitions.
3Applies when operating AD9768 as standard D/A.
4Based on R
L = 50 ohms; RSET = 220 ohms; VRET = 0 V.
51% change in either power supply voltage causes 0.07% change in analog output.
6Case temperature.
7Maximum junction temperature 125
°C.
8D = Ceramic DIP, E = Leadless Ceramic Chip Carrier.
Specifications subject to change without notice.


Similar Part No. - AD9768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
More results

Similar Description - AD9768

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9768 AD-AD9768_15 Datasheet
107Kb / 4P
   Ultrahigh Speed IC D/A Converter
REV. A
logo
List of Unclassifed Man...
SPT5140 ETC2-SPT5140 Datasheet
80Kb / 12P
   8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT5140 CADEKA-SPT5140 Datasheet
428Kb / 12P
   8-BIT, ULTRAHIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668 AD-AD668_15 Datasheet
250Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
logo
Sony Corporation
CXA2586 SONY-CXA2586 Datasheet
41Kb / 2P
   Ultrahigh-Speed (100 MHz) Photodetector IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com