Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB01S-00-1MM2SSI Datasheet(PDF) 3 Page - PowerDynamics, Inc

Part # PB01S-00-1MM2SSI
Description  STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PB01S-00-1MM2SSI Datasheet(HTML) 3 Page - PowerDynamics, Inc

  PB01S-00-1MM2SSI Datasheet HTML 1Page - PowerDynamics, Inc PB01S-00-1MM2SSI Datasheet HTML 2Page - PowerDynamics, Inc PB01S-00-1MM2SSI Datasheet HTML 3Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
10
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com
Non-Medical Applications
PB Series Attenuation Tables
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
34 38 40 32 26 11
8 25 37 71 62 12
29 32 55 48 49 51
8 23 34 68 64 14
28 36 39 45 48 39
8 19 27 58 65 15
18 24 28 44 50 47
8 18 26 43 51 31
8 14 18 33 41 39
8 18 25 29 38 31
7 14 19 34 40 38
7 17 23 39 47 27
25 31 33 30 25 14
1 4 12 50 64 16
24 28 20 53 54 55
1 4 13 53 57 16
19 22 24 27 27 22
1 3 8 48 59 31
15 24 30 44 52 40
1 4 8 36 52 28
11 18 23 39 49 37
1 4 8 26 46 24
7 15 20 38 46 37
1 4 8 25 48 28
29 33 47 53 57 41
8 23 35 73 58 14
28 37 44 52 56 41
8 19 27 74 59 17
25 33 46 53 57 44
8 19 29 63 62 13
19 29 36 49 55 46
8 18 23 50 54 24
11 19 24 41 53 36
8 18 24 51 46 25
7 15 21 37 46 36
7 17 23 39 48 27
36 41 41 49 49 46
8 23 33 62 62 32
36 41 41 49 49 46
8 23 33 62 62 32
28 35 37 41 42 42
8 19 28 56 57 17
21 28 31 41 44 41
8 18 25 45 48 29
12 16 19 45 37 41
8 18 24 52 53 30
7 13 16 28 32 37
7 17 24 32 32 30
32 39 55 55 56 52
3 14 25 75 63 24
29 34 46 56 58 49
3 15 27 67 59 21
28 38 44 51 58 39
3 12 20 66 57 18
18 25 31 49 56 47
3 11 17 55 59 32
11 19 24 40 50 40
3 12 17 48 46 29
7 14 20 39 45 37
3 11 17 50 46 29
36 41 62 54 50 36
1 11 22 64 70 29
32 39 56 56 58 58
1 10 21 76 62 23
23 29 35 53 52 40
1 9 17 66 65 33
19 29 35 51 54 49
2 8 13 47 57 28
11 19 25 40 51 39
2 9 14 46 51 29
4 15 21 36 44 38
1 8 14 50 46 26
36 41 59 54 54 47
3 15 26 68 71 32
31 37 47 51 49 40
3 14 24 69 63 26
20 25 28 44 49 42
3 12 19 61 57 27
14 19 22 39 48 41
3 11 17 48 50 33
11 17 22 36 42 38
3 11 17 39 55 27
4 14 19 34 40 38
3 12 17 38 42 28
32 34 52 44 44 41
1 14 25 60 66 21
29 32 56 49 50 45
1 12 24 67 62 14
23 27 30 49 52 46
1 9 17 59 69 30
16 20 24 42 51 42
1 8 14 58 52 33
11 17 22 36 41 40
2 8 14 37 54 27
4 14 19 33 39 39
1 8 14 48 42 28
36 42 43 37 31 36
1 2 5 17 23 33
30 37 39 29 22 27
1 1 3 14 21 13
28 35 37 28 22 31
1 1 2 11 18 12
21 29 32 31 27 17
1 1 1
7 12 23
11 16 18 18 17 14
1 1 1
5 3
9
6 12 15 16 15 11
1 1 1
1 3
6
Attenuation
Code
A
B
C
D
E
F
G
H
I
"
This table applies to schematic 1M only.
Visit our website or contact PDI for other schematic attenuation numbers.
O
This table applies to schematic 1 only.
Visit our website or contact PDI for other schematic attenuation numbers.
O
Insertion loss in dB (50 Ohm circuit)
Current
Rating
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
Medical Applications
Comm.Mode(L-G) in MHz
Diff. mode(L-L) in MHz
.15 .5 1 5 10 30 .15 .5 1
5 10 30
34 38 39 32 16 21
9 26 37 62 51 11
29 32 34 30 19 16
8 23 34 60 48 13
28 35 37 28 22 19
8 19 28 52 44 12
18 22 24 27 25 18
8 18 26 52 45 27
8 13 15 17 16 14
8 18 25 32 28 24
7 12 15 16 14 11
7 17 24 41 32 23
25 31 33 30 24 21
1 5 14 41 46 17
23 27 28 29 24 23
1 5 14 45 58 15
19 22 24 27 27 20
1 4 10 39 50 34
15 21 24 23 21 17
1 4 9 30 49 28
11 16 18 17 16 12
1 4 8 26 45 24
7 13 15 16 14 11
1 3 7 26 39 23
29 33 34 30 20 16
8 24 35 58 45 15
28 35 37 28 22 24
8 20 29 61 48 15
25 33 58 51 56 41
8 20 30 57 47 13
19 26 29 28 25 14
8 18 26 46 43 22
11 16 18 18 16 12
8 18 24 47 36 24
36 41 43 37 32 28
8 23 34 60 53 30
31 37 39 35 29 22
8 22 32 66 55 22
28 35 37 28 21 21
8 20 29 54 44 14
22 28 31 30 27 16
8 18 26 43 43 26
12 16 18 20 19 15
8 18 24 49 42 27
32 37 40 35 29 23
3 15 25 74 58 21
29 33 34 30 16 21
3 16 27 57 50 20
28 35 37 28 22 23
3 13 22 59 48 16
18 23 25 27 26 20
3 12 19 48 49 30
11 16 18 18 17 14
3 11 17 42 38 27
7 13 15 16 14 11
3 11 17 43 30 22
36 41 43 37 31 25
1 12 23 54 57 28
32 37 40 36 30 22
1 11 22 63 59 24
23 27 28 31 30 30
1 10 19 61 52 32
19 26 29 29 25 17
1 8 15 39 45 25
11 16 18 18 17 14
2 8 14 42 34 25
4 13 15 16 14 11
1 8 14 48 29 21
36 41 43 37 32 28
3 16 27 64 60 31
31 37 40 36 29 25
3 15 25 80 60 25
20 24 25 26 24 23
3 12 21 47 42 22
14 17 19 22 22 19
3 11 18 43 35 29
11 16 18 18 16 12
3 11 17 48 34 23
32 36 37 28 19 11
1 14 26 53 42 16
29 33 34 31 20 17
1 13 24 61 50 14
23 26 28 31 30 31
1 9 19 54 53 29
16 19 21 24 24 21
2 8 15 56 38 33
11 16 18 18 17 14
2 8 14 41 34 25
Attenuation
Code
M1
M2
M3
M4
M5
M6
M7
M8
Current
Rating
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
15A
1A
2A
3A
6A
10A
1A
2A
3A
6A
10A
"
Insertion loss in dB (50 Ohm circuit)


Similar Part No. - PB01S-00-1MM2SSI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01S0503A ETC2-PB01S0503A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
Delta Electronics, Inc.
PB01S0503A DELTA-PB01S0503A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
PB01S0503A DELTA-PB01S0503A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01S0505A ETC2-PB01S0505A Datasheet
211Kb / 5P
   1W DC/DC CONVERTER, SIP-Package
More results

Similar Description - PB01S-00-1MM2SSI

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PBH POWERDYNAMICS-PBH Datasheet
506Kb / 2P
   16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PA01Q-50-1C POWERDYNAMICS-PA01Q-50-1C Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
PMA POWERDYNAMICS-PMA Datasheet
1Mb / 5P
   HIGH CURRENT, SCREW MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-365A POWERDYNAMICS-HGN-365A Datasheet
481Kb / 3P
   IEC 60320 INLET SOCKET WITH SINGLE OR DOUBLE FUSE HOLDER, SNAP-IN OR FLANGE MOUNT
PASP POWERDYNAMICS-PASP Datasheet
469Kb / 3P
   RIGHT ANGLE, PC BOARD MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
HGN-365 POWERDYNAMICS-HGN-365 Datasheet
397Kb / 2P
   IEC 60320 INLET SOCKET WITH SINGLE/DOUBLE FUSE HOLDER, FLANGE MOUNT
HGN-337 POWERDYNAMICS-HGN-337 Datasheet
250Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH AND A FUSE HOLDER, SNAP-IN MOUNT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com