Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9762 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9762
Description  12-Bit, 125 MSPS TxDAC D/A Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9762 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9762 Datasheet HTML 4Page - Analog Devices AD9762 Datasheet HTML 5Page - Analog Devices AD9762 Datasheet HTML 6Page - Analog Devices AD9762 Datasheet HTML 7Page - Analog Devices AD9762 Datasheet HTML 8Page - Analog Devices AD9762 Datasheet HTML 9Page - Analog Devices AD9762 Datasheet HTML 10Page - Analog Devices AD9762 Datasheet HTML 11Page - Analog Devices AD9762 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
AD9762
–8–
REV. B
FREQUENCY – MSPS
–70
–75
–95
0
20
140
40
60
80
100
120
–80
–85
–90
2ND
HARMONIC
3RD
HARMONIC
4TH
HARMONIC
Figure 12. THD vs. fCLOCK @
fOUT = 2 MHz
1.25
–0.50
–1.25
4000
1000
2000
3000
1.00
–0.25
0.25
0
–0.75
0.50
–1.00
0.75
CODE
0
Figure 15. Typical INL
0
–100
START: 0.3 MHz
STOP: 50.0 MHz
fCLOCK = 100 MSPS
fOUT = 2.41MHz
SFDR = 72dBc
AMPLITUDE = 0dBFS
Figure 18. Single-Tone SFDR
IOUTFS – mA
80
70
30
28
20
14
60
50
40
75
65
55
45
35
4
6
10
12
16
18
2.5MHz
10MHz
22.2MHz
40MHz
Figure 13. SFDR vs. fOUT and IOUTFS
@ 100 MSPS, 0 dBFS
1
–0.4
4000
1000
2000
3000
0.8
–0.2
0.2
0
0.4
0.6
CODE
0
Figure 16. Typical DNL
0
–100
START: 0.3 MHz
STOP: 50.0 MHz
fCLOCK = 100 MSPS
fOUT1 = 13.5MHz
fOUT2 = 14.5MHz
SFDR = 62dBc
AMPLITUDE = 0dBFS
Figure 19. Dual-Tone SFDR
OUTPUT FREQUENCY – MHz
75
70
45
1
10
100
60
55
50
65
IDIFF @ –6dBFS
IDIFF @ 0dBFS
IOUTA @ –6dBFS
IOUTA @ 0dBFS
Figure 14. Differential vs. Single-
Ended SFDR vs. fOUT @ 100 MSPS
TEMPERATURE – C
80
75
50
–40
–20
80
60
70
65
60
55
40
20
0
2.5MHz
10MHz
40MHz
Figure 17. SFDR vs. Temperature
@ 100 MSPS, 0 dBFS
–10
–110
START: 0.3 MHz
STOP: 25.0 MHz
fCLOCK = 50 MSPS
fOUT1 = 6.25MHz
fOUT2 = 6.75MHz
fOUT3 = 7.25MHz
fOUT4 = 7.75MHz
SFDR = 71dBc
AMPLITUDE = 0dBFS
Figure 20. Four-Tone SFDR


Similar Part No. - AD9762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9762 AD-AD9762 Datasheet
77Kb / 1P
   Analog Devices: Data Converters: DAC 12-Bit, 10 ns to 100 ns Converters Selection Table
4/2004
AD9762 AD-AD9762_15 Datasheet
427Kb / 23P
   12-Bit, 125 MSPS
REV. B
More results

Similar Description - AD9762

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD97651 AD-AD97651 Datasheet
472Kb / 28P
   12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
AD9752 AD-AD9752 Datasheet
364Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9752ARUZ AD-AD9752ARUZ Datasheet
361Kb / 23P
   12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
AD9760 AD-AD9760 Datasheet
412Kb / 23P
   10-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764ARUZRL7 AD-AD9764ARUZRL7 Datasheet
314Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9764 AD-AD9764 Datasheet
307Kb / 22P
   14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9763 AD-AD9763 Datasheet
460Kb / 28P
   10-Bit, 125 MSPS Dual TxDAC D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com