Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9761 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9761
Description  Dual 10-Bit TxDAC??with 2x Interpolation Filters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 4 Page - Analog Devices

  AD9761 Datasheet HTML 1Page - Analog Devices AD9761 Datasheet HTML 2Page - Analog Devices AD9761 Datasheet HTML 3Page - Analog Devices AD9761 Datasheet HTML 4Page - Analog Devices AD9761 Datasheet HTML 5Page - Analog Devices AD9761 Datasheet HTML 6Page - Analog Devices AD9761 Datasheet HTML 7Page - Analog Devices AD9761 Datasheet HTML 8Page - Analog Devices AD9761 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AD9761
–4–
REV. A
DIGITAL FILTER SPECIFICATIONS
Parameter
Min
Typ
Max
Units
MAXIMUM INPUT CLOCK RATE (fCLOCK)
40
MSPS
DIGITAL FILTER CHARACTERISTICS
Passband Width
1: 0.005 dB
0.2010
fOUT/fCLOCK
Passband Width: 0.01 dB
0.2025
fOUT/fCLOCK
Passband Width: 0.1 dB
0.2105
fOUT/fCLOCK
Passband Width: –3 dB
0.239
fOUT/fCLOCK
Linear Phase (FIR Implementation)
Stopband Rejection: 0.3 fCLOCK to 0.7 fCLOCK
–62.5
dB
Group Delay
2
32
Input Clock Cycles
Impulse Response Duration
3
–40 dB
28
Input Clock Cycles
–60 dB
40
Input Clock Cycles
NOTES
1Excludes SINX/X characteristic of DAC.
2Defined as the number of data clock cycles between impulse input and peak of output response.
355 input clock periods from input to I DAC, 56 to Q DAC. Propagation delay is delay from data input to DAC update.
(TMIN to TMAX, AVDD = +2.7 V to 5.5 V, DVDD = +2.7 V to 5.5 V, IOUTFS = 10 mA unless
otherwise noted)
FREQUENCY RESPONSE – DC to fCLOCK/2
0
–20
–120
0
0.5
0.1
0.2
0.3
0.4
–40
–60
–80
–100
Figure 2a. FIR Filter Frequency Response
TIME – Samples
1
0
040
5
10152025
30
35
0.9
0.6
0.4
0.2
0.1
0.8
0.7
0.5
0.3
–0.1
–0.2
–0.3
Figure 2b. FIR Filter Impulse Response
Table I. Integer Filter Coefficients for 43-Tap Halfband
FIR Filter
Lower Coefficient
Upper Coefficient
Integer Value
H(1)
H(43)
1
H(2)
H(42)
0
H(3)
H(41)
–3
H(4)
H(40)
0
H(5)
H(39)
8
H(6)
H(38)
0
H(7)
H(37)
–16
H(8)
H(36)
0
H(9)
H(35)
29
H(10)
H(34)
0
H(11)
H(33)
–50
H(12)
H(32)
0
H(13)
H(31)
81
H(14)
H(30)
0
H(15)
H(29)
–131
H(16)
H(28)
0
H(17)
H(27)
216
H(18)
H(26)
0
H(19)
H(25)
–400
H(20)
H(24)
0
H(21)
H(23)
1264
H(22)
1998


Similar Part No. - AD9761

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9761 AD-AD9761 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9761 AD-AD9761 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9761 AD-AD9761_15 Datasheet
976Kb / 24P
   Dual 10-Bit TxDAC
REV. C
More results

Similar Description - AD9761

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
340Kb / 30P
   14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV. 0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
AD9774ASZ AD-AD9774ASZ Datasheet
302Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 43 Interpolation Filters
REV. B
logo
Maxim Integrated Produc...
MAX5858A MAXIM-MAX5858A Datasheet
909Kb / 25P
   Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
MAX5858 MAXIM-MAX5858 Datasheet
809Kb / 23P
   Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
MAX5856A MAXIM-MAX5856A Datasheet
781Kb / 23P
   Dual 8-Bit, 300Msps DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
logo
Analog Devices
AD9761 AD-AD9761_15 Datasheet
976Kb / 24P
   Dual 10-Bit TxDAC
REV. C
AD9772A AD-AD9772A_V01 Datasheet
881Kb / 40P
   14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
Rev. C
AD9777BSVZ AD-AD9777BSVZ Datasheet
1Mb / 60P
   16-Bit, 160 MSPS 2x/4x/8x Interpolating Dual TxDAC D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com