Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0522660079 Datasheet(PDF) 2 Page - Weidmuller

Part # 0522660079
Description  Connector markers, L x W: 5 x 5 mm, Polyamide, white
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0522660079 Datasheet(HTML) 2 Page - Weidmuller

  0522660079 Datasheet HTML 1Page - Weidmuller 0522660079 Datasheet HTML 2Page - Weidmuller 0522660079 Datasheet HTML 3Page - Weidmuller 0522660079 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product catalogue | Installation Products | Markings | Terminal markers | Card | Dekafix | Standard print | Dek 5 |
Horizontal | Digits consistent | 1 - 100
- 2 -
Classifications
ETIM 2.0
EC000761
ETIM 3.0
EC000761
eClass 4.1
24-19-02-19
eClass 5.0
27-14-11-37
eClass 5.1
27-14-11-37
Similar products
Order No.
Part designation
Version
0522660001
DEK 5 GW MKD 1
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660002
DEK 5 GW MKD 2
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660003
DEK 5 GW MKD 3
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660005
DEK 5 GW MKD 5
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660006
DEK 5 GW MKD 6
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660007
DEK 5 GW MKD 7
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660008
DEK 5 GW MKD 8
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660009
DEK 5 GW MKD 9
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660010
DEK 5 GW 10
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660011
DEK 5 GW 11
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660012
DEK 5 GW 12
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660013
DEK 5 GW 13
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660014
DEK 5 GW 14
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660015
DEK 5 GW 15
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660016
DEK 5 GW 16
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660017
DEK 5 GW 17
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660018
DEK 5 GW 18
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660019
DEK 5 GW 19
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660020
DEK 5 GW 20
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660021
DEK 5 GW MKD 21
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660022
DEK 5 GW MKD 22
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660023
DEK 5 GW MKD 23
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660024
DEK 5 GW MKD 24
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660025
DEK 5 GW MKD 25
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660026
DEK 5 GW MKD 26
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660027
DEK 5 GW 27
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660028
DEK 5 GW 28
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660029
DEK 5 GW 29
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660030
DEK 5 GW 30
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660031
DEK 5 GW 31
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660032
DEK 5 GW 32
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660033
DEK 5 GW 33
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660034
DEK 5 GW 34
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660035
DEK 5 GW 35
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660036
DEK 5 GW 36
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660037
DEK 5 GW 37
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660038
DEK 5 GW 38
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660039
DEK 5 GW 39
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660040
DEK 5 GW 40
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0522660041
DEK 5 GW 41
Connector markers, L x W: 5 x 5 mm, Polyamide, white


Similar Part No. - 0522660079

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0522660003 WEIDMULLER-0522660003 Datasheet
76Kb / 4P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
More results

Similar Description - 0522660079

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0473560051 WEIDMULLER-0473560051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460051 WEIDMULLER-0473460051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0460660071 WEIDMULLER-0460660071 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide white
0522361075 WEIDMULLER-0522361075 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460151 WEIDMULLER-0473460151 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460351 WEIDMULLER-0473460351 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460801 WEIDMULLER-0473460801 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0460660001 WEIDMULLER-0460660001 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide,white
0460660021 WEIDMULLER-0460660021 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0460660031 WEIDMULLER-0460660031 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0523060051 WEIDMULLER-0523060051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com