Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFF12N60 Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # SFF12N60
Description  N-Channel MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFF12N60 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  SFF12N60 Datasheet HTML 1Page - SemiWell Semiconductor SFF12N60 Datasheet HTML 2Page - SemiWell Semiconductor SFF12N60 Datasheet HTML 3Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFF12N60
Copyright@SemiWell Semiconductor Ltd., All rights are reserved
SemiWell Semiconductor
Absolute Maximum Ratings (TJ = 25℃ unless otherwise specified)
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
TC=25℃
TC=100℃
12
7.4
A
VGSS
Gate-Source Voltage
± 30
V
IDM
Drain Current
pulse
(Note 1)
88
A
EAS
Single Pulse Avalanche Energy
(Note 2)
865
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
23.1
mJ
dv/dt
Peak diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation TC=25℃
54
W
Tj, TSTG
Operation and Storage Temperature range
-45 ~ 150
N-Channel MOSFET
Features
RDS(ON) Max 0.65 ohm at VGS = 10V
Gate Charge ( Typical 52 nC)
Improve dv/dt capability, Fast switching
100% avalanche Tested
General Description
This MOSFET is produced using advanced planar strip
DMOS
technology.
This
latest
technology
has
been
especially designed to minimize on-state resistance have a
high rugged avalanche characteristics. These device are well
suited for high efficiency switch mode power supply active
power factor correction. Electronic lamp based on half bridge
topology


Similar Part No. - SFF12N60

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF120-28Q SSDI-SFF120-28Q Datasheet
265Kb / 2P
   9.2 AMPS 100 VOLTS 0.35S QUAD N-CHANNEL POWER MOSFET
More results

Similar Description - SFF12N60

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com