Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0536260000 Datasheet(PDF) 71 Page - Weidmuller

Part # 0536260000
Description  The universal foot of the Weidm체ller relay modules allow them to be assembled on TS 32, TS 35 x 7.5 and TS 35 x 15 mounting rails in accordance with European standards EN 50 035 and EN 50 022.
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0536260000 Datasheet(HTML) 71 Page - Weidmuller

Back Button 0536260000 Datasheet HTML 67Page - Weidmuller 0536260000 Datasheet HTML 68Page - Weidmuller 0536260000 Datasheet HTML 69Page - Weidmuller 0536260000 Datasheet HTML 70Page - Weidmuller 0536260000 Datasheet HTML 71Page - Weidmuller 0536260000 Datasheet HTML 72Page - Weidmuller 0536260000 Datasheet HTML 73Page - Weidmuller 0536260000 Datasheet HTML 74Page - Weidmuller 0536260000 Datasheet HTML 75Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 98 page
background image
128
Type
Cat. No.
WOS 2 24 Vuc
8237720000
WOZ 2
8430110000
18 Vuc ... 30 Vuc
2.8 mA ac at 24 V
3.7 mA dc at 24 V
ca.13 V dc
ca.14 V ac
ca.10 V dc
ca.13 V ac
20 ms ac 7.0 ms dc
46 ms ac 50 ms dc
LED green in output
LED red in output*
short-circuit protection
max. 500 mA per channel
max. 2 A
12 Vdc...24 Vdc...28 Vdc
typ. 0.9 A
min. 0.65 A, max. 1.2 A, RL2Ω
≤ 0.65 V, at 500 mA
Polarity protection, varistor
100 %
max. 3 W
-25 °C...+50 °C rowed
-40 °C...+85 °C
22.5 mm
Polyamide PA 66
UL/CSA
150 V
2.5 kV
III
2
≥ 3 mm
Page 298 + 308
Type
Cat. No.
WOS 2 115 Vuc
8275360000
WOZ 2
8430130000
115 Vuc, max. 130 Vuc
1.4 mA ac at 115 V
2.0 mA dc at 115 V
ca.60 V dc
ca.60 V ac
ca.50 V dc
ca.50 V ac
40 ms ac 15 ms dc
60 ms ac 70 ms dc
LED green in output
LED red in output*
short-circuit protection
max. 500 mA per channel
max. 2 A
12 Vdc...24 Vdc...28 Vdc
typ. 0.9 A
min. 0.65 A, max. 1.2 A, RL2Ω
≤ 0.65 V, at 500 mA
Polarity protection, varistor
100 %
max. 3 W
-25 °C...+50 °C rowed
-40 °C...+85 °C
22.5 mm
Polyamide PA 66
UL/CSA
150 V
2.5 kV
III
2
≥ 3 mm
Page 298 + 308
Type
Cat. No.
WOS 2 230 Vuc
8275340000
WOZ 2
8430140000
230 V, max. 250 V
1.4 mA ac at 230 V
2.0 mA dc at 230 V
ca.150 V dc
ca.120 V ac
ca.110 V dc
ca.110 V ac
40 ms ac 14 ms dc
95 ms ac 140 ms dc
LED green in output
LED red in output*
* LED red, one LED for
all channels
short-circuit protection
max. 500 mA per channel
max. 2 A
12 Vdc...24 Vdc...28 Vdc
typ. 0.9 A
min. 0.65 A, max. 1.2 A, RL2Ω
≤ 0.65 V, at 500 mA
Polarity protection, varistor
100 %
max. 3 W
-25 °C...+50 °C rowed
-40 °C...+85 °C
22.5 mm
Polyamide PA 66
UL/CSA
300 V
4 kV
III
2
≥ 5.5 mm
Page 298 + 308
WOS 2 24 VUC
WOS 2 115 VUC
WOS 2 230 VUC
Ordering data
Screw connection
Tension clamp connection
Input
Input voltage
Input current
Making threshold
Breaking threshold
Switch-on delay
Switch-off delay
Status indicator normal operation
Status indicator short-circuit, underload, overload
Output
1)
Output current
Output total current
Voltage supply
Response threshold
Residual voltage
Protection circuit
Synchronisation factor
Lamp load
Temperature
Operating temperature
Storage temperature
Mechanical data
Overall width
Housing material
Approvals
Reliable separation according to EN 50 178
Coordination of insulation according to EN 50 178
Opto-coupler according to VDE 0884
Rated voltage
Rated impulse voltage
Overvoltage category
Pollution severity
Clearance/creepage path
Accessories, dimensions and connection data see
1) Protection circuit for output load necessary, page 107
Opto-coupler WAVESERIES
(4-channel, short-circuit proof)
Opto-coupler in component housing WAVESERIES
Schematic circuit diagram
WOS 2 230 VUC
waagerecht montiert
Ausgangsstrom/Kanal: 500mA; Ansteuerung : 250Vac
0
0,1
0,2
0,3
0,4
0,5
0,6
010
20
3040
5060
Umgebungstemperatur [
°C]
Abstand>=10mm
WOS 2 230 VUC • 8275340000
Mounted horizontally, output current / channel: 500 mA
Control 250 Vdc
Ambient temperature [°C]
Mounted
clearance
≥ 10 mm


Similar Part No. - 0536260000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0536250374 MOLEX7-0536250374 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, Vertical Stacking, 13.00mm (.512") Stack Height, Lead-free, 30 Circuits, with Embossed Tapewith Cover Packaging
0536250474 MOLEX7-0536250474 Datasheet
397Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With GuideRails, 6 Circuits
0536250574 MOLEX7-0536250574 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 13.00mm (.512") Stack Height, Lead-free, 50 Circuits, with Embossed Tapewith Cover Packaging
0536250874 MOLEX7-0536250874 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, Vertical Stacking, 13.00mm (.512") Stack Height, Lead-free, 80 Circuits, with Embossed Tape with Cover Packaging
0536250974 MOLEX7-0536250974 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 13.00mm (.512") Stack Height, Lead-free, 90 Circuits, with Embossed Tapewith Cover Packaging
More results

Similar Description - 0536260000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0212840000 WEIDMULLER-0212840000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0225360000 WEIDMULLER-0225360000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
logo
Gaomi Xinghe Electronic...
KBP3005 GXELECTRONICS-KBP3005 Datasheet
390Kb / 2P
   VOLTAGE RANGE 50 TO 1000 VOL TS
logo
Keysight Technologies
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
   TS-5000 Family
logo
Lapp.
19135000 LAPP-19135000 Datasheet
128Kb / 2P
   EPIC® H-B 32 TS
29.08.2022
logo
Weidmuller
0117500000 WEIDMULLER-0117500000 Datasheet
290Kb / 3P
   Rail, TS 15, with slot, Steel, galvanic zinc plated and passivated
October 4, 2021
logo
WAGO Kontakttechnik Gmb...
769-156 WAGO-769-156 Datasheet
684Kb / 11P
   2-pin carrier terminal block; for DIN-rail 35 x 15 and 35 x 7.5; gray
29.12.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com