Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0536260000 Datasheet(PDF) 27 Page - Weidmuller

Part # 0536260000
Description  The universal foot of the Weidm체ller relay modules allow them to be assembled on TS 32, TS 35 x 7.5 and TS 35 x 15 mounting rails in accordance with European standards EN 50 035 and EN 50 022.
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0536260000 Datasheet(HTML) 27 Page - Weidmuller

Back Button 0536260000 Datasheet HTML 23Page - Weidmuller 0536260000 Datasheet HTML 24Page - Weidmuller 0536260000 Datasheet HTML 25Page - Weidmuller 0536260000 Datasheet HTML 26Page - Weidmuller 0536260000 Datasheet HTML 27Page - Weidmuller 0536260000 Datasheet HTML 28Page - Weidmuller 0536260000 Datasheet HTML 29Page - Weidmuller 0536260000 Datasheet HTML 30Page - Weidmuller 0536260000 Datasheet HTML 31Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
84
PLUGSERIES Relays on Sockets
Type Schrack RT
Cat. No.
Qty.
RT 314012
4058470000
20
RT 424012
4058560000
20
RT 314024
4058480000
20
RT 315024
4058490000
20
RT 424024
4058570000
20
RT 425024
4058580000
20
RT 314048
4058740000
20
RT 424048
4058750000
20
RT 424060
4058760000
20
RT 314110
4058500000
20
RT 424110
4058590000
20
RT 315524
4058510000
20
RT 424524
4058600000
20
RT 314615
4058520000
20
RT 315625
4058530000
20
RT 424615
4058610000
20
RT 425615
4058620000
20
RT 314730
4058540000
20
RT 315730
4058550000
20
RT 424730
4058630000
20
RT 425730
4058640000
20
1 changeover contact or 2 changeover contacts
AgNi 90/10, AgNi 0.15 htv
16 A 1We/2 x 8 A 2We
250 V ac
4 kVA
10 mA /100 mW
40 µW
400 mW dc/0.55 VA ac
5 kV
typ. 7/3 ms
9/45 ms
typ. 1/3 ms
> 30 x 106 switching operations
> 30 x 106 switching operations
1.25A, L/R = 80 ms 2.3 x 105
1.25A, L/R = 80 ms 2.8 x 105
1.2A, cosL/R = 0.3 6050x
IP 40
V0
-40°C ... +85°C
-40°C ... +70°C
14 g
UL, CSA, VDE, ÖVE
SCHRACK RT
Pluggable relay types
Print figure/circuit diagram
Relay type RT/SGR
Pluggable relay
12 Vdc 1 changeover contact
12 Vdc 2 changeover contacts
24 Vdc 1 changeover contact
24 Vdc 1 changeover contact AU
24 Vdc 2 changeover contacts
24 Vdc 2 changeover contacts AU
48 Vdc 1 changeover contact
48 Vdc 2 changeover contacts
60 Vdc 2 changeover contacts
110 Vdc 1 changeover contact
110 Vdc 2 changeover contacts
24 Vac 1 changeover contact
24 Vac 2 changeover contacts
115 Vac 1 changeover contact
115 Vac 1 changeover contact AU
115 Vac 2 changeover contacts
115 Vac 2 changeover contacts AU
230 Vac 1 changeover contact
230 Vac 1 changeover contact AU
230 Vac 2 changeover contacts
230 Vac 2 changeover contacts AU
Technical data
Contact number and type
Contact material
Switching current
Switching voltage
Braking capacity
Min. switching current / braking capacity
Min. braking capacity AU contact
Rated consumption
Dielectric strength Sp./Kont.
Response / drop out time:
DC coil
AC coil
Bounce time NO contact/normally closed contact
Mechanical service life:
DC coil
AC coil
Braking capacity
1-pole DC 13
2-pole DC 13
2-pole AC 15
Miscellaneous data
Protection class
Flammability class UL
Ambient temperature
DC coil
AC coil
Weight
Approvals
1 changeover contact
2 changeover contacts


Similar Part No. - 0536260000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0536250374 MOLEX7-0536250374 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, Vertical Stacking, 13.00mm (.512") Stack Height, Lead-free, 30 Circuits, with Embossed Tapewith Cover Packaging
0536250474 MOLEX7-0536250474 Datasheet
397Kb / 2P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Receptacle Housing, With GuideRails, 6 Circuits
0536250574 MOLEX7-0536250574 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 13.00mm (.512") Stack Height, Lead-free, 50 Circuits, with Embossed Tapewith Cover Packaging
0536250874 MOLEX7-0536250874 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, Vertical Stacking, 13.00mm (.512") Stack Height, Lead-free, 80 Circuits, with Embossed Tape with Cover Packaging
0536250974 MOLEX7-0536250974 Datasheet
397Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 13.00mm (.512") Stack Height, Lead-free, 90 Circuits, with Embossed Tapewith Cover Packaging
More results

Similar Description - 0536260000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0222860000 WEIDMULLER-0222860000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0225560000 WEIDMULLER-0225560000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0212840000 WEIDMULLER-0212840000 Datasheet
75Kb / 4P
   Feed-through terminal, 6 mm짼, Screw connection, PA 66, TS 35 TS 32
0225360000 WEIDMULLER-0225360000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
0222760000 WEIDMULLER-0222760000 Datasheet
63Kb / 3P
   Fuse terminal, 4 mm짼, Screw connection, PA 66, beige, TS 35 TS 32
logo
Gaomi Xinghe Electronic...
KBP3005 GXELECTRONICS-KBP3005 Datasheet
390Kb / 2P
   VOLTAGE RANGE 50 TO 1000 VOL TS
logo
Keysight Technologies
TS-5040 KEYSIGHT-TS-5040 Datasheet
260Kb / 7P
   TS-5000 Family
logo
Lapp.
19135000 LAPP-19135000 Datasheet
128Kb / 2P
   EPIC® H-B 32 TS
29.08.2022
logo
Weidmuller
0117500000 WEIDMULLER-0117500000 Datasheet
290Kb / 3P
   Rail, TS 15, with slot, Steel, galvanic zinc plated and passivated
October 4, 2021
logo
WAGO Kontakttechnik Gmb...
769-156 WAGO-769-156 Datasheet
684Kb / 11P
   2-pin carrier terminal block; for DIN-rail 35 x 15 and 35 x 7.5; gray
29.12.2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com