Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR750F70 Datasheet(PDF) 9 Page - Dynex Semiconductor

Part # DCR750F70
Description  Phase Control Thyristor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DCR750F70 Datasheet(HTML) 9 Page - Dynex Semiconductor

Back Button DCR750F70 Datasheet HTML 3Page - Dynex Semiconductor DCR750F70 Datasheet HTML 4Page - Dynex Semiconductor DCR750F70 Datasheet HTML 5Page - Dynex Semiconductor DCR750F70 Datasheet HTML 6Page - Dynex Semiconductor DCR750F70 Datasheet HTML 7Page - Dynex Semiconductor DCR750F70 Datasheet HTML 8Page - Dynex Semiconductor DCR750F70 Datasheet HTML 9Page - Dynex Semiconductor DCR750F70 Datasheet HTML 10Page - Dynex Semiconductor DCR750F70 Datasheet HTML 11Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SEMICONDUCTOR
DCR750F85
9/11
www.dynexsemi.com
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
0
20
40
60
80
100
120
Rate of change of reapplied voltage, dv/dt - (V/us)
Tq (dv/dt) = Tq(20V/us).0.7148.(dv/dt)
0.1124
Conditions:
Tj = 125
oC
I F = 1000A
tp = 1000us
VRM = 100V
di/dt = -5A/us
Fig.16 Turn-off time


Similar Part No. - DCR750F70

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR750F70 DYNEX-DCR750F70 Datasheet
537Kb / 11P
   Phase Control Thyristor
More results

Similar Description - DCR750F70

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com