Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC4235TTM221M Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # LPC4235TTM221M
Description  power chip inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LPC4235TTM221M Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  LPC4235TTM221M Datasheet HTML 1Page - KOA Speer Electronics, Inc. LPC4235TTM221M Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
L
H
L
H
B
A
LPC4545
LPC4235
Electrode
Magnet
Wire
Electrode
Ferrite
Core
Ferrite
Core
Base
LPC4235 & LPC4545
power chip inductor
features
Low DC resistance and high allowable current are
realized by the original construction and wiring technology
Automatic surface mounting is applicable
Excellent solderability and endurance environment
Suitable for reflow soldering
Marking: Black body color with no marking
Products meet EU RoHS requirements
AEC-Q200 Qualified
ordering information
3 digits
221: 220µH
T: Sn
(4235 only)
C: Sn/Cu
(4545 only)
K: ±10%
M:±20%
4235
4545
TM: taping
(4235)
TE: taping
(4545)
LPC
Type
Size
Tolerance
Nominal
Inductance
Termination
Material
Packaging
New Part #
4235
TED
K
221
T
dimensions and construction
LW
H Max.
A
B
Dimensions inches
(mm)
Size
For further information
on packaging, please
refer to Appendix A.
.161±.012
(4.1±0.3)
––
.181±.016
(4.6±0.4)
.181 Max.
(4.6 Max.)
.126±.012
(3.2±0.3)
4545
.177±.008
(4.5±0.2)
.079±.008
(2.0±0.2)
.165±.008
(4.2±0.2)
.138 Max.
(3.5 Max.)
.039±.008
(1.0±0.2)
4235
EU
213
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/03/13


Similar Part No. - LPC4235TTM221M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
LPC4235TTED100K KOA-LPC4235TTED100K Datasheet
151Kb / 3P
   choke coil inductor
LPC4235TTED101K KOA-LPC4235TTED101K Datasheet
151Kb / 3P
   choke coil inductor
LPC4235TTED150K KOA-LPC4235TTED150K Datasheet
151Kb / 3P
   choke coil inductor
LPC4235TTED151K KOA-LPC4235TTED151K Datasheet
151Kb / 3P
   choke coil inductor
LPC4235TTED1R0M KOA-LPC4235TTED1R0M Datasheet
151Kb / 3P
   choke coil inductor
More results

Similar Description - LPC4235TTM221M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Allied Components Inter...
MLPC05 ALLIED-MLPC05 Datasheet
2Mb / 1P
   Multilayer Power Chip Inductor
MLPC10 ALLIED-MLPC10 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
MLPCH15 ALLIED-MLPCH15 Datasheet
4Mb / 1P
   Multilayer Power Chip Inductor
PCS8D43 ALLIED-PCS8D43 Datasheet
452Kb / 1P
   Shielded Power Chip Inductor
PCS6D38-AU ALLIED-PCS6D38-AU Datasheet
4Mb / 1P
   Power Chip Shielded Inductor
logo
Taiyo Yuden (U.S.A.), I...
BRC1608TR43M6 TAIYO-YUDEN-BRC1608TR43M6 Datasheet
913Kb / 19P
   WOUND CHIP POWER INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com