Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B39162B3519U410 Datasheet(PDF) 4 Page - EPCOS

Part # B39162B3519U410
Description  Low insertion attenuation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39162B3519U410 Datasheet(HTML) 4 Page - EPCOS

  B39162B3519U410 Datasheet HTML 1Page - EPCOS B39162B3519U410 Datasheet HTML 2Page - EPCOS B39162B3519U410 Datasheet HTML 3Page - EPCOS B39162B3519U410 Datasheet HTML 4Page - EPCOS B39162B3519U410 Datasheet HTML 5Page - EPCOS B39162B3519U410 Datasheet HTML 6Page - EPCOS B39162B3519U410 Datasheet HTML 7Page - EPCOS B39162B3519U410 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
September 02, 2011
B3519
1585.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Maximum ratings
Operable temperature range T
–45/+125 ˚C
Storage temperature range
Tstg
–45/+125 ˚C
DC voltage
VDC
6
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power at
source 50
Ω, load 50Ω
1565.0 ... 1606.0 MHz
PIN
5
dBm
cw
2400 ... 2483.5 MHz
PIN
20
dBm
cw
824...960, 1710...2170 MHz
PIN
20
dBm
cw
960...1525 MHz
PIN
10
dBm
cw


Similar Part No. - B39162B3519U410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39162B3519U410 TDK-B39162B3519U410 Datasheet
126Kb / 9P
   SAW Components SAW filter
More results

Similar Description - B39162B3519U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4310 EPCOS-B4310 Datasheet
83Kb / 9P
   Low insertion attenuation
B4313 EPCOS-B4313 Datasheet
76Kb / 8P
   Low insertion attenuation
logo
Renesas Technology Corp
F2250 RENESAS-F2250 Datasheet
2Mb / 25P
   Low Insertion Loss: 1.4dB @ 2000MHz 33.6dB Attenuation Range
logo
Shoulder Electronics Li...
HDF2441ES6 SHOULDER-HDF2441ES6 Datasheet
254Kb / 4P
   Low insertion loss and deep stop band attenuation for interference
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
   Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
   Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
   Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
   Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com