Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJE3439 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MJE3439
Description  0.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MJE3439 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
NPN Silicon High-Voltage Power
Transistors
. . . designed for use in line–operated equipment requiring high fT.
• High DC Current Gain
hFE = 40–160 @ IC = 20 mAdc
• Current Gain Bandwidth Product —
fT = 15 MHz (Min) @ IC = 10 mAdc
• Low Output Capacitance
Cob = 10 pF (Max) @ f = 1.0 MHz
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
350
Vdc
Collector–Base Voltage
VCB
450
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
IC
0.3
Adc
Base Current
IB
150
mAdc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
15
0.12
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
8.33
_C/W
16
0
0
40
80
120
160
Figure 1. Power–Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
12
14
8.0
10
4.0
6.0
2.0
20
60
100
140
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE3439/D
© Motorola, Inc. 1995
MJE3439
0.3 AMPERE
POWER TRANSISTOR
NPN SILICON
350 VOLTS
15 WATTS
CASE 77–08
TO–225AA TYPE
REV 7


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn