Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBH16W-90-1MM2O Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # PBH16W-90-1MM2O
Description  16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PBH16W-90-1MM2O Datasheet(HTML) 1 Page - PowerDynamics, Inc

  PBH16W-90-1MM2O Datasheet HTML 1Page - PowerDynamics, Inc PBH16W-90-1MM2O Datasheet HTML 2Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice. Dimensions (mm). See Appendix A for
recommended power cord. See PDI full line catalog for detailed specifications on power cords.
16/20A HIGH CURRENT, SNAP-IN/FLANGE MOUNT FILTER
WITH IEC 60320 AC INLET SOCKET.
PBH Series
MECHANICAL DIMENSIONS
FEATURES
The PBH series offers filters for application that have high
current (16/20A) requirements. The filters are available
with different configurations of components and termination
styles. These filters are available in flange mount and
snap-in type. The medical grade filters offer excellent
performance with maximum leakage current of 2µA at
120VAC, 60Hz.
A ground choke can be added to enhance the grounding
ability of the circuit. A bleeder resistor can also be added
to prevent excessive voltages from developing across the
filter capacitors when there is no load.
APPLICATIONS
Computer & networking equipment, Measuring & control
equipment, Data processing equipment, laboratory instruments,
Switching power supplies, other electronic equipment.
TECHNICAL DATA
Rated Voltage: 115/250VAC
Rated Current: 16A, 20A
Power Line Frequency: 50/60Hz
Max. Leakage Current each
Line to Ground:
@ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.50mA
@ 115VAC 60Hz: 2µA*
@ 250VAC 50Hz: 5µA*
Hipot Rating (one minute)
Line to Ground: 2250VDC
Line to Line: 1450VDC
Temperature Range: -25C to +85C
(Unit: mm)

SEMKO, VDE approved to 16A
* Medical application
52.8
42.0
30.1
CASE F
CASE U
CASE O

42.0
35.0
R3 TYP.
27.0
2x 3.5
6.35
(79.5)
67.4
34.0
0.8
26
3.6
38.0
30.0
27.0
36.0
R3 TYP.
SUGGESTED PANEL CUTOUT
(MOUNTING FROM FRONT)
THICKNESS OF PANEL IS FROM
1.00mm to 1.6mm
6.35
(79.5)
67.4
34.0
0.8
26.0
3.8
27.6
30.0
43.0
52.0
2x
6#32
RECOMMENDED
PANEL CUTOUT
(MOUNTING FROM REAR)
R3.0
43.0+----0.1
34.5+0.5
10.0+----0.1
6.0+----0.1 26.5
+----0.5
2x
3.5
6.35
79.5
75.7
34
0.8
26
13
145 Algonquin Parkway, Whippany, NJ 07981 • 973-560-0019 • FAX: 973-560-0076
e-mail: filtersales@powerdynamics.com •
www.powerdynamics.com


Similar Part No. - PBH16W-90-1MM2O

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PBH14005 MACOM-PBH14005 Datasheet
238Kb / 3P
   Miniature Power PCB Relay
PBH14005 MACOM-PBH14005 Datasheet
152Kb / 2P
   Miniature Power PCB Relay PBH 105째C
PBH14005 MACOM-PBH14005_05 Datasheet
152Kb / 2P
   Miniature Power PCB Relay PBH 105째C
PBH14006 MACOM-PBH14006 Datasheet
238Kb / 3P
   Miniature Power PCB Relay
PBH14006 MACOM-PBH14006 Datasheet
152Kb / 2P
   Miniature Power PCB Relay PBH 105째C
More results

Similar Description - PBH16W-90-1MM2O

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PB01Q-50-1C POWERDYNAMICS-PB01Q-50-1C Datasheet
351Kb / 3P
   STRAIGHT, SNAP-IN/FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PMA POWERDYNAMICS-PMA Datasheet
1Mb / 5P
   HIGH CURRENT, SCREW MOUNT FILTER WITH IEC 60320 AC INLET SOCKET.
PA01Q-50-1C POWERDYNAMICS-PA01Q-50-1C Datasheet
461Kb / 3P
   RIGHT ANGLE, FLANGE MOUNT FILTER WITH IEC 60320 AC INLET SOCKET
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
HGN-368 POWERDYNAMICS-HGN-368 Datasheet
396Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, FLANGE MOUNT
42R07-3X2X-XXX POWERDYNAMICS-42R07-3X2X-XXX Datasheet
41Kb / 1P
   16/20A IEC 60320 APPL. INLET; QC TERMINALS; SNAP-IN, PANEL MOUNT
42R06-3X1X-XXX POWERDYNAMICS-42R06-3X1X-XXX Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SNAP-IN, PANEL MOUNT
42R08-3X2X-XXX POWERDYNAMICS-42R08-3X2X-XXX Datasheet
40Kb / 1P
   16/20A IEC 60320 APPL. INLET; SOLDER TERMINALS; SNAP-IN, PANEL MOUNT
HGN-369 POWERDYNAMICS-HGN-369 Datasheet
387Kb / 2P
   IEC 60320 INLET SOCKET WITH VOLTAGE SELECT, FLANGE MOUNT
42R06-1X1X POWERDYNAMICS-42R06-1X1X Datasheet
45Kb / 1P
   16/20A IEC 60320 APPL. INLET; SCREW TERMINALS; SIDE FLANGE, PANEL MOUNT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com