Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKS0745TTEG3N Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # LKS0745TTEG3N
Description  power chip inductors shielded type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

LKS0745TTEG3N Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  LKS0745TTEG3N Datasheet HTML 1Page - KOA Speer Electronics, Inc. LKS0745TTEG3N Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
C
B
J4D
F100
Electrode
Ferrite
Core
LKS
power chip inductors shielded type
features
Magnetic shielded power chip inductors
with a little leakage magnetic flux
Small size and low-profile
Low DC Resistance and larger Rated Current
Suitable for reflow soldering
Products meet EU RoHS requirements
dimensions
and construction
applications and ratings
ordering information
Packaging
TEG: embossed plastic
Nominal
Inductance
3 digits
Product
Code
LKS
Style (mm)
0745
1045
1260
0745
Terminal Surface
Material
T: Sn
T
TEG
100
Tolerance
M: ±20%
N: ±30%
M
Type
Dimensions inches (mm)
A
B
C Max.
D
E
LKS0745
.295±.020
(7.5±0.5)
.295±.020
(7.5±0.5)
.177
(4.5)
.039±.012
(1.0±0.3)
.079±.008
(2.0±0.2)
LKS1045
.398±.012
(10.1±0.3)
.398±.012
(10.1±0.3)
.177
(4.5)
.079±.012
(2.0±0.3)
.118±.008
(3.0±0.2)
LKS1260
.492±.012
(12.5±0.3)
.492±.012
(12.5±0.3)
.236
(6.0)
.059±.012
(1.5±0.3)
.197±.008
(5.0±0.2)
LKS0745
LKS1045
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/17/13
220 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Type
Nominal
Inductance
(μH)
Inductance
Tolerance
DC
Resistance
(
Ω)Max.
Allowable
DC Current
(A) Max.*1
SRF
(MHz)
Typ.
LKS0745 TTEG 3R3N
3.3
N: ±30%
0.022
4.5
41
LKS0745 TTEG 4R7N
4.7
0.031
3.8
34
LKS0745 TTEG 5R6N
5.6
0.035
3.6
31
LKS0745 TTEG 6R8N
6.8
0.038
3.4
28
LKS0745 TTEG 8R2N
8.2
0.050
2.8
25
LKS0745 TTEG 100M
10
M: ±20%
0.057
2.6
24
LKS0745 TTEG 120M
12
0.067
2.4
22
LKS0745 TTEG 150M
15
0.100
2.1
19
LKS0745 TTEG 180M
18
0.113
2.0
17
LKS0745 TTEG 220M
22
0.127
1.9
16
LKS0745 TTEG 330M
33
0.199
1.5
13
LKS0745 TTEG 470M
47
0.253
1.3
11
LKS0745 TTEG 560M
56
0.288
1.3
10
LKS0745 TTEG 680M
68
0.437
1.0
9
LKS0745 TTEG 820M
82
0.483
1.0
8
LKS0745 TTEG 101M
100
0.598
0.9
7
LKS0745 TTEG 121M
120
0.644
0.8
6
LKS0745 TTEG 151M
150
0.817
0.7
6
LKS0745 TTEG 181M
180
0.897
0.7
5
LKS0745 TTEG 221M
220
1.104
0.6
5
LKS0745 TTEG 331M
330
2.093
0.5
4
LKS0745 TTEG 471M
470
2.576
0.4
3
LKS0745 TTEG 561M
560
4.200
0.31
3
LKS0745 TTEG 681M
680
4.680
0.27
3
LKS0745 TTEG 821M
820
6.360
0.24
2
LKS0745 TTEG 102M
1000
6.600
0.23
2
Type
Nominal
Inductance
(μH)
Inductance
Tolerance
DC
Resistance
(
Ω)Max.
Allowable
DC Current
(A) Max.*1
SRF
(MHz)
Typ.
LKS1045 TTEG 3R3N
3.3
N: ±30%
0.017
5.8
37
LKS1045 TTEG 4R7N
4.7
0.022
5.1
31
LKS1045 TTEG 5R6N
5.6
0.024
4.9
28
LKS1045 TTEG 6R8N
6.8
0.027
4.6
25
LKS1045 TTEG 8R2N
8.2
0.032
4.0
23
LKS1045 TTEG 100M
10
M: ±20%
0.042
3.6
21
LKS1045 TTEG 120M
12
0.043
3.4
19
LKS1045 TTEG 150M
15
0.065
3.0
17
LKS1045 TTEG 180M
18
0.066
2.9
15
LKS1045 TTEG 220M
22
0.089
2.5
14
LKS1045 TTEG 330M
33
0.159
1.9
11
LKS1045 TTEG 470M
47
0.196
1.7
9
LKS1045 TTEG 560M
56
0.215
1.5
8
LKS1045 TTEG 680M
68
0.242
1.4
8
LKS1045 TTEG 820M
82
0.265
1.3
7
LKS1045 TTEG 101M
100
0.414
1.2
6
LKS1045 TTEG 121M
120
0.472
1.0
6
LKS1045 TTEG 151M
150
0.575
0.9
5
LKS1045 TTEG 181M
180
0.633
0.8
4
LKS1045 TTEG 221M
220
0.874
0.7
4
LKS1045 TTEG 331M
330
1.300
0.6
3
LKS1045 TTEG 471M
470
1.716
0.5
3
EU


Similar Part No. - LKS0745TTEG3N

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LKS-1 COOPER-LKS-1 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKS-1 COOPER-LKS-1 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKS-1 COOPER-LKS-1 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKS-10 COOPER-LKS-10 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKS-10 COOPER-LKS-10 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
More results

Similar Description - LKS0745TTEG3N

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com