Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KT11835TTEG123G Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KT11835TTEG123G
Description  transponder coil (Rx)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KT11835TTEG123G Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KT11835TTEG123G Datasheet HTML 1Page - KOA Speer Electronics, Inc. KT11835TTEG123G Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KT11835
transponder coil (Rx)
environmental applications
Performance Characteristics
KT11835
20
18
16
14
12
10
8
6
4
2
0
110
100
1000
10000
Frequency (kHz)
110
100
1000
10000
Frequency (kHz)
70
60
50
40
30
20
10
0
12mH
7.2mH
2.4mH
12mH
7.2mH
2.4mH
KT11835
Characteristics Test equipment: Agilent 4294A impedance analyzer
Circuit Construction
1
2
3
4
L−Frequency Characteristics
Q−Frequency Characteristics
KT11835
KT11835
Wiring Diagram of Solder Pad
1.9
3.0
6.8
1.9
Unit: mm
Solder pad
Chip component
Please avoid the following wiring because it leads to decrease of L and Q.
Non-recommended wiring example
Recommended wiring example
Connection between 1 and 2, and/or 3 and 4.
Test Items
Performance Requirement Maximum L/L
Test Methods
Limit
Typical
Resistance to
Soldering Heat
±2%
No significant abnormality in appearance
±1%
260°C±5°C, 10 seconds ±1second
Rapid Change of
Temperature
±2%
No significant abnormality in appearance
±1%
−40°C (30min.) /+125°C (30min.), 100 cycles
Low Temperature
Exposure
±2%
No significant abnormality in appearance
±1%
−40°C±2°C, 1000 hours
High Temperature
Exposure
±2%
No significant abnormality in appearance
±1%
+125°C±2°C, 1000 hours
Moisture Endurance
±2%
No significant abnormality in appearance
±1%
+60°C±2°C, 90 ~ 95%RH, 1000 hours
Temperature
Characteristics
±3%
No significant abnormality in appearance
±2%
+20°C -40°C, +20 +125°C
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/03/13
234 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
KT11835
20
18
16
14
12
10
8
6
4
2
0
110
100
1000
10000
Frequency (kHz)
110
100
1000
10000
Frequency (kHz)
70
60
50
40
30
20
10
0
12mH
7.2mH
2.4mH
12mH
7.2mH
2.4mH
KT11835


Similar Part No. - KT11835TTEG123G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KT110 SIEMENS-KT110 Datasheet
12Kb / 2P
   Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
logo
Infineon Technologies A...
KT110 INFINEON-KT110 Datasheet
182Kb / 11P
   Silicon Temperature Sensors
2000-07-01
logo
C&K Components
KT11B0CM CK-COMPONENTS-KT11B0CM Datasheet
430Kb / 3P
   Internal actuator seal and insert molded terminals??permit soldering and cleaning
KT11B0CM CK-COMPONENTS-KT11B0CM Datasheet
430Kb / 3P
   Sealed Tactile Switches
KT11B0JM CK-COMPONENTS-KT11B0JM Datasheet
430Kb / 3P
   Sealed Tactile Switches
More results

Similar Description - KT11835TTEG123G

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
   Transponder RX antenna
AR9D27 SUMIDA-AR9D27 Datasheet
210Kb / 1P
   Transponder RX antenna
AR13D28 SUMIDA-AR13D28 Datasheet
203Kb / 1P
   Transponder RX antenna
AR19D28 SUMIDA-AR19D28 Datasheet
199Kb / 1P
   Transponder RX antenna
logo
Superworld Electronics
W3225F-102J SUPERWORLD-W3225F-102J Datasheet
223Kb / 4P
   Transponder Coil
W4420F352KF10DS SUPERWORLD-W4420F352KF10DS Datasheet
332Kb / 6P
   Transponder Coil
logo
KOA Speer Electronics, ...
KTZ1030TTEG762J KOA-KTZ1030TTEG762J Datasheet
243Kb / 2P
   transponder coil
logo
Superworld Electronics
W1225F-101K SUPERWORLD-W1225F-101K Datasheet
376Kb / 7P
   Transponder Coil
W3012E-501M SUPERWORLD-W3012E-501M Datasheet
238Kb / 5P
   Transponder Coil
logo
PREMO CORPORATION S.L
TP0702U PREMO-TP0702U_14 Datasheet
62Kb / 1P
   SMD Transponder Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com