Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KT11835TTEG722J Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part No. KT11835TTEG722J
Description  transponder coil (Rx)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KOA [KOA Speer Electronics, Inc.]
Homepage  http://www.koaspeer.com
Logo 

KT11835TTEG722J Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
t
Molded Resin
Electrode
d
W
L
B
KT11835
transponder coil (Rx)
features
Transponder coil is arranged with
electrode in the long side of the part,
and covered with molding resin
Excellent high Q and high sensitivity, because neither
the electrode nor the land pattern disturb the coil flux
Strong resistance to vibration, shock and substrate bend
test by 4 electrode terminals structure and the molded resin
Small inductance change to environmental
temperature change
Marking: Black body color
Products meet EU RoHS requirements
AEC-Q200 Qualified
dimensions and construction
ratings
ordering information
Type
Dimensions inches (mm)
B
d
L
W
t
KT
.134 Typ.
(3.4 Typ.)
.059 Typ.
(1.5 Typ.)
.465±.008
(11.8±0.2)
.142±.008
(3.6±0.2)
.118 Max.
(3.0 Max.)
The code for inductance tolerance (G, H, J) enters
Any other inductance under 12mH is available
Operating Temperature Range: -40°C - +125°C
Packaging
TEG: plastic embossed
Nominal
Inductance
3 digits:
722: 7.2mH
123: 12mH
Product
Code
KT
Style
L x W x H (mm)
11.8 x 3.6 x 3.0
11835
Terminal Surface
Material
T: Sn
T
TEG
722
Tolerance
G: ±2%
H: ±3%
J: ±5%
J
Type
Nominal
Inductance
(mH)
Inductance
Tolerance
Unload
Quality
Factor
Min.
L, Q
Measuring
Frequency
(kHz)
Self Resonant
Frequency
(kHz) Min.
DC
Resistance
(
Ω))Max.
Allowable
DC Current
(mA) Max.
Sensitivity
(mV/uT)
KT11835TTEG242
2.4
G: ±2%
H: ±3%
J : ±5%
32
125
700
32
30
28
KT11835TTEG722
7.2
40
750
92
15
55
KT11835TTEG123
12
45
500
119
12
75
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/17/13
233
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Magnetic flux of KT
Electrode
Land pattern
EU
NEW


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn