Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW14XCT52A103F Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CW14XCT52A103F
Description  coat insulated, precision coat insulated and miniature wirewound leaded resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CW14XCT52A103F Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CW14XCT52A103F Datasheet HTML 1Page - KOA Speer Electronics, Inc. CW14XCT52A103F Datasheet HTML 2Page - KOA Speer Electronics, Inc. CW14XCT52A103F Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
142
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/05/13
CW, CWP, CWH
coat insulated, precision coat insulated
and miniature wirewound leaded resistors
Part
Designation
Rated
Ambient
Temperature
Power
Rating
applications and ratings
T.C.R.
(ppm/°C)
Max.
CW1/4
CW1/2
CW1
CW1P
CW2
CW2P
CW3
CW3P
CW5
0.25W
0.5W
1.0W
2.0W
3.0W
1.0W
2.0W
3.0W
5.0W
±250
———
+25°C
+70°C
±90:
R≥10Ω*
±50: R<10Ω
Operating
Temperature
Range
-40°C
to
+155°C
-55°C
to
+275°C
1 - 100
1 - 390
1 - 390
0.47 - 220
0.47 - 390
0.47 - 390
0.1 - 430
0.1 - 390
0.47 - 15
0.1 - 100
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
0.1 - 390
E-24, E-96
(C±0.25%)
E-24, E-96
(D±0.5%)
E-24, E-96
(F±1%)
E-24
(G±2%)
E-24
(J±5%)
Resistance Range (Ω)
Derating Curve
environmental applications
100
80
60
40
20
-40
0
4080
120
280
Ambient Temperature
(°C)
0
70
160
275
200240
155
CW
100
80
60
40
20
-100
-50
0
50
100
300
Ambient Temperature
(°C)
0
-55
150
275
200
250
155
CWH
-25
* T.C.R. = 20ppm/°C available on request
0.47 - 15
0.1 - 100
E-24
(K±10%)
CW1X
CW2X
CW3X
CW1S
1.0W
2.0W
3.0W
1.0W
±500
———
0.01 - 0.091
0.01 - 0.091
0.01 - 0.091
0.1 - 100
0.01 - 0.091
0.01 - 0.091
0.01 - 0.091
0.1 - 100
±250
———
CW1SS
1.0W
10
±100
———
CW1H
CW2H
CW3H
1.0W
2.0W
3.0W
+25°C
±20: R≥10Ω
±50: R<10Ω
0.47 - 220
0.47 - 750
0.47 - 1k
0.1 - 430
0.1 - 2k
0.1 - 3k
For further information
on packaging, please
refer to Appendix C.
Axial: T26, T52,
T521, T631
Stand-off Axial:
L52A, L52B
Radial: VTP, GT
L forming:
L12.5A, L15A,
L20A, L25A
N forming: N17
ordering information
±2%, ±5%: 2 significant
figures + 1 multiplier
“R” indicates decimal
on value <10Ω
±1%: 3 significant
figures + 1 multiplier
“R” indicates decimal
on value <100Ω
1/4: 0.25W
1/2: 0.5W
1: 1W
2: 2W
3: 3W
5: 5W
H: Stability
Nil: Power
P: Precision
S: Small
X: Power
SS: Small type,
UL Approved
C: SnCu
C: ±0.25%
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
K: ±10%
CW
1/2
P
C
Style
Type
Power
Rating
Nominal
Resistance
Tolerance
Termination
Material
Taping and
Forming
New Part #
T52
103
A: Ammo
R: Reel
TEB:
Embossed
plastic
(N forming)
Packaging
A
F
100
80
60
40
20
-40
0
4080120280
Ambient Temperature
(°C)
0
25
160
275
200240
155
CWP
For resistors operated at an ambient temperature of 25°C or above, a power rating shall be derated in accordance with the above derating curve.


Similar Part No. - CW14XCT52A103F

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
CW1 CYNERGY3-CW1 Datasheet
299Kb / 1P
   Counterweight for use on cable suspended float switches.
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
   Tubular Cement Coated Wirewound Resistors
logo
M/A-COM Technology Solu...
CW1000-90-DOR MA-COM-CW1000-90-DOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
CW1000-90-DTR MA-COM-CW1000-90-DTR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
CW1000-90-OOR MA-COM-CW1000-90-OOR Datasheet
158Kb / 2P
   High Power CW Laser Diodes
More results

Similar Description - CW14XCT52A103F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
   coat insulated, precision coat insulated miniature wirewound leaded resistors
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
RW1NT103 KOA-RW1NT103 Datasheet
97Kb / 2P
   coat insulated miniature precision power wirewound resistors
RW12NT103J KOA-RW12NT103J Datasheet
285Kb / 2P
   coat insulated miniature precision power wirewound resistors
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
RF25CT52A100J KOA-RF25CT52A100J Datasheet
127Kb / 2P
   coat-insulated fusing resistor
RN412BT KOA-RN412BT Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
   coat-insulated fusing resistors (constant current fusing type)
logo
Vishay Siliconix
RLP VISHAY-RLP Datasheet
87Kb / 5P
   Insulated Precision Wirewound Resistors Axial Leads
Revision: 02-Apr-15
logo
Ultralife Corporation.
AV2125 ULTRALIFE-AV2125 Datasheet
83Kb / 1P
   Miniature Coat-Pocket (SATCOM) Antenna
23NOV10 REV:-
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com