Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRE601D Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CRE601D
Description  cr networks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CRE601D Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CRE601D Datasheet HTML 1Page - KOA Speer Electronics, Inc. CRE601D Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
.01
1±.004
(0.27
±0.1)
Glass Coating
Resistive Film
L
.138
(3.5)
max.
Inner
Electrode
Ceramic
Substrate
Protective
Coating
.047
±.008
(1.2
±0.2)
Terminal
.02
±.004
(0.5
±0.1)
H
.118±.02
(3.0±0.5)
p
Ceramic
Chip
Capacitor
CR
cr networks
features
Metal glaze resistors (RuO2) provide
lifetime stability
Free from short circuit, unexpected solder melting
and terminal disconnection due to the high temperature
solder used to connect terminals
Capable of reducing the numbers of parts
and part insertions
Custom orders are available
Marking: Black body color
Products with lead-free termination meet EU-RoHS
requirements. EU-RoHS requlation is not intended for
Pb-glass contained in electrode, resistor element and glass
EU
dimensions and construction
ratings
ordering information
Product
Code
CR
Circuit
Symbol
A
B
C
D
E
F
M
E
Number
of Cells
4 – 8 (CRA)
3 – 8 (CRB)
2 – 6 (CRC, CRD
CRE, CRF)
Nil
(CRM)
6
KOA
Reference
Number
01
Terminal
Surface
Material
D: SnAgCu
Nil: Sn/Pb
D
P= Number of pins
Type
Dimensions inches (mm)
Number of Pins
L
H
p
CRA
5 – 90
.100xP+.024
(2.54×P+0.6)
.256
(6.5)
.100
(2.54)
CRB
5 – 10
CRC
5 – 13
CRD
5 – 13
CRE
6 – 14
CRF
5 – 13
maximum wattage/package
Parameter
Resistor
Capacitor
Max. Operating Voltage
50V
Constant Range
10
Ω – 1MΩ
10pF – 0.1μF
T.C.
±200×10−6/K
CH, B, R, F
Tolerance
±5% (J)
±5% (J)
±10% (K)
±20% (M)
−20% – +80% (Z)
Operating Temp. Range
−25°C – +85°C
Storage Temp. Range
−55°C – +125°C
Number of Pins
5
6
7
8
9
mW/Package
500
625
750
875
1000
Number of Pins
10
11
12
13
14
mW/Package
1050
1150
1250
1350
1450
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/10
103
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
KOA_Catalog1210.indd 3
3/7/11 3:01:40 PM


Similar Part No. - CRE601D

ManufacturerPart #DatasheetDescription
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
logo
Okaya Electric America,...
CRE-10201 OKAYA-CRE-10201 Datasheet
332Kb / 1P
   SPARK QUENCHER
CRE-10201 OKAYA-CRE-10201_14 Datasheet
86Kb / 1P
   SPARK QUENCHER
CRE-20151 OKAYA-CRE-20151 Datasheet
332Kb / 1P
   SPARK QUENCHER
CRE-30680 OKAYA-CRE-30680 Datasheet
332Kb / 1P
   SPARK QUENCHER
More results

Similar Description - CRE601D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
   CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
   CR TIMER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
   CR timer
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
   CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
   CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
   CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
   CR TIMER
logo
Rohm
BA225 ROHM-BA225 Datasheet
73Kb / 6P
   CR timer
logo
RUBYCON CORPORATION
MCRA-DP RUBYCON-MCRA-DP Datasheet
152Kb / 1P
   CR-SURGE ABSORBER
logo
PHOENIX CONTACT
1115672 PHOENIX-1115672 Datasheet
214Kb / 6P
   CAPAROC CR 8 - Busbar
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com