Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP2E20NILTTE Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CCP2E20NILTTE
Description  chip fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CCP2E20NILTTE Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CCP2E20NILTTE Datasheet HTML 1Page - KOA Speer Electronics, Inc. CCP2E20NILTTE Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
240
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/23/10
CCP
chip fuse
Maximum
Open
Circuit
Voltage
Rated
Ambient
Temperature
Operating
Temperature
Range
Part
Designation
Current
Rating
Fusing
Time
Fusing
Current
applications and ratings (continued)
Internal R.
Maximum
(mΩ)
0.4A
0.52A
0.6A
-40°C
to
+125°C
1 second max.
@ fusing current
0.8A
72V
+70°C
1.0A
1.2A
1.4A
CCP2E10
1.0A
CCP2E13
1.3A
CCP2E15
1.5A
CCP2E20
2.0A
CCP2E25
2.5A
CCP2E30
3.0A
CCP2E35
3.5A
CCP2E38
3.8A
CCP2E40
2.00A
4.0A
CCP2E45
2.25A
4.5A
CCP2E50
2.50A
5.0A
CCP2E63
3.15A
6.3A
1.5A
200
170
150
100
75
60
50
48
45
40
35
23
Derating Curve
environmental applications
100
80
60
40
20
-40 -20
20
60
80
100120180
125
40
Ambient Temperature
(°C)
0
70
140
175
0160
Fusing Characteristics
10
1
.1
.01
01
4
5
8
3
Fusing Current
(A)
.001
6
27
15 20
CCP2B
2530 35 40 50
63
910
11 12
80
100
10
1
.1
.01
01
4
5
8
3
Fusing Current
(A)
.001
6
27
10 131520
CCP2E, CCP2E H
2530353840 45 50
63
912
1011
100
CCP2E40H
1.6A
4.0A
CCP2E45H
1.8A
4.5A
CCP2E50H
2.0A
5.0A
CCP2E63H
2.5A
6.3A
45
40
35
23
4.00A
CCP2E100
10.0A
15
Performance Characteristics
Parameter
Requirement ∆ R±%
Limit
Typical
Test Method
Bending Test
Open Circuit Voltage
Distance between holding points 90mm, bending width 10mm, 1 time
Apply DC voltage between the termination after fusing.
CCP2B: 24V; CCP2E, CCP2E
H: 72V
No mechanical damages
No fusing, flaming,
explosion
±10%
Fusing Characteristics
CCP2B: 200% of rated current shall be carried
CCP2E: 250% of rated current shall be carried
CCP2E
H: 200% of rated current shall be carried
Within 1 second
Residual Resistance
Measure DC resistance after fusing
10kΩ or more
Solderability
230°C ±5°C, 3 seconds ± 0.5 seconds
±95% coverage min.
Resistance to Soldering Heat
260°C ±5°C, 10 seconds ± 0.5 seconds, 2 cycles
±10%
±2.5%
Load Life
70°C ± 3°C, 1000 hours, rated current, 1.5 hr ON, 0.5 hr OFF cycle
±10%
±3%
Load Life Moisture
40°C ± 2°C, 90 - 95% RH, 1000 hours, rated current,
1.5 hr ON, 0.5 hr OFF cycle
±10%
±1.5%
Rapid Change of Temperature
-40°C (30 minutes), +125°C (30 minutes), 10 cycles
±4.0%
Resistance to Solvent
Conforming to MIL-STD-202F
No evidence of
damages to protective
coating and marking


Similar Part No. - CCP2E20NILTTE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CCP2E20NILTTE KOA-CCP2E20NILTTE Datasheet
115Kb / 2P
   chip fuse
More results

Similar Description - CCP2E20NILTTE

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H Datasheet
186Kb / 4P
   Chip Fuse
logo
KOA Speer Electronics, ...
CCF1N1TTE KOA-CCF1N1TTE Datasheet
381Kb / 2P
   chip fuse
CCF1N KOA-CCF1N Datasheet
214Kb / 2P
   chip fuse
12/12/17
CCP2B20 KOA-CCP2B20 Datasheet
115Kb / 2P
   chip fuse
logo
GOOD-ARK Electronics
S1206H GOOD-ARK-S1206H_15 Datasheet
186Kb / 4P
   Chip Fuse
S0603F GOOD-ARK-S0603F_15 Datasheet
169Kb / 4P
   Chip Fuse
logo
KOA Speer Electronics, ...
CCF1N1 KOA-CCF1N1 Datasheet
107Kb / 2P
   chip fuse
logo
GOOD-ARK Electronics
S0402F GOOD-ARK-S0402F_15 Datasheet
168Kb / 3P
   Chip Fuse
S0402F GOOD-ARK-S0402F Datasheet
168Kb / 3P
   Chip Fuse
S0603F GOOD-ARK-S0603F Datasheet
169Kb / 4P
   Chip Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com