Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE3055 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MJE3055
Description  10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 VOLTS 75 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJE3055 Datasheet(HTML) 1 Page - Motorola, Inc

  MJE3055 Datasheet HTML 1Page - Motorola, Inc MJE3055 Datasheet HTML 2Page - Motorola, Inc MJE3055 Datasheet HTML 3Page - Motorola, Inc MJE3055 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Silicon Plastic
Power Transistors
. . . designed for use in general–purpose amplifier and switching applications.
• DC Current Gain Specified to 10 Amperes
• High Current Gain — Bandwidth Product —
fT = 2.0 MHz (Min) @ IC = 500 mAdc
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
60
Vdc
Collector–Base Voltage
VCB
70
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current
IC
10
Adc
Base Current
IB
6.0
Adc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
MJE3055T, MJE2955T
PD†
75
0.6
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
θJC
1.67
_C/W
†Safe Area Curves are indicated by Figure 1. Both limits are applicable and must be observed.
10
5.0
Figure 1. Active–Region Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
2.0
1.0
0.2
0.1
20
30
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMALLY LIMITED
TC = 25°C (D = 0.1)
dc
7.0
10
5.0 ms
1.0 ms
50 60
0.5
7.0
3.0
0.7
0.3
TJ = 150°C
100
µs
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 1 is based on TJ(pk) = 150_C. TC is vari-
able depending on conditions. Second breakdown pulse lim-
its are valid for duty cycles to 10% provided TJ(pk) v 150_C.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown. (See AN415A)
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJE2955T/D
© Motorola, Inc. 1995
MJE2955T
MJE3055T
10 AMPERE
COMPLEMENTARY
SILICON
POWER TRANSISTORS
60 VOLTS
75 WATTS
*Motorola Preferred Device
*
PNP
NPN
*
CASE 221A–06
TO–220AB
REV 1


Similar Part No. - MJE3055

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE3055 STMICROELECTRONICS-MJE3055 Datasheet
65Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
MJE3055 WINGS-MJE3055 Datasheet
64Kb / 1P
   SILICON EPITAXIAL PLANAR TRANSISTOR
logo
Samsung semiconductor
MJE3055 SAMSUNG-MJE3055 Datasheet
216Kb / 6P
   NPN (GENERAL PURPOSE AND SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
MJE3055 FAIRCHILD-MJE3055 Datasheet
36Kb / 4P
   General Purpose and Switching Applications
logo
TRANSYS Electronics Lim...
MJE3055 TEL-MJE3055 Datasheet
55Kb / 1P
   Plastic-Encapsulated Transistors
More results

Similar Description - MJE3055

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6488G ONSEMI-2N6488G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
2N6491G ONSEMI-2N6491G Datasheet
148Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
logo
ON Semiconductor
2N6487 ONSEMI-2N6487_11 Datasheet
148Kb / 6P
   Complementary Silicon Plastic Power Transistors 60??0 VOLTS, 75 WATTS
October, 2011 ??Rev. 14
logo
Motorola, Inc
MJE171 MOTOROLA-MJE171 Datasheet
172Kb / 4P
   3 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60-80 VOLTS 12.5 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ15011 MOTOROLA-MJ15011 Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
2N3055A MOTOROLA-2N3055A Datasheet
235Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
ON Semiconductor
D44VH ONSEMI-D44VH Datasheet
51Kb / 4P
   Complementary Silicon Power Transistors 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80 VOLTS 83 WATTS
March, 2001 ??Rev. 2
logo
Motorola, Inc
MJH6282 MOTOROLA-MJH6282 Datasheet
209Kb / 6P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com