Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9226 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9226
Description  Complete 12-Bit, 65 MSPS ADC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226 Datasheet(HTML) 5 Page - Analog Devices

  AD9226 Datasheet HTML 1Page - Analog Devices AD9226 Datasheet HTML 2Page - Analog Devices AD9226 Datasheet HTML 3Page - Analog Devices AD9226 Datasheet HTML 4Page - Analog Devices AD9226 Datasheet HTML 5Page - Analog Devices AD9226 Datasheet HTML 6Page - Analog Devices AD9226 Datasheet HTML 7Page - Analog Devices AD9226 Datasheet HTML 8Page - Analog Devices AD9226 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
REV. 0
AD9226
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9226 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
With
Pin Name
Respect to
Min
Max
Unit
AVDD
AVSS
–0.3
+6.5
V
DRVDD
DRVSS
–0.3
+6.5
V
AVSS
DRVSS
–0.3
+0.3
V
AVDD
DRVDD
–6.5
+6.5
V
REFCOM
AVSS
–0.3
+0.3
V
CLK, MODE
AVSS
–0.3
AVDD + 0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3
V
VINA, VINB
AVSS
–0.3
AVDD + 0.3
V
VREF
AVSS
–0.3
AVDD + 0.3
V
SENSE
AVSS
–0.3
AVDD + 0.3
V
CAPB, CAPT
AVSS
–0.3
AVDD + 0.3
V
OEB
2
DRVSS
–0.3
DRVDD + 0.3
V
CM LEVEL
2
AVSS
–0.3
AVDD + 0.3
V
VR2
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
2LQFP package.
THERMAL RESISTANCE
θJC SSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23°C/W
θJA SSOP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63.3°C/W
θ
JC LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
°C/W
θJA LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76.2°C/W
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II. 100% production tested at 25
°C and sample tested at
specified temperatures. AC testing done on sample basis.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V. Parameter is a typical value only.
VI. All devices are 100% production tested at 25
°C; sample tested
at temperature extremes.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9226ARS
–40
°C to +85°C
28-Lead Shrink Small Outline (SSOP)
RS-28
AD9226AST
–40
°C to +85°C
48-Lead Thin Plastic Quad Flatpack (LQFP)
ST-48
AD9226-EB
Evaluation Board (SSOP)
AD9226-LQFP-EB
Evaluation Board (LQFP)


Similar Part No. - AD9226

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9226 AD-AD9226 Datasheet
1,018Kb / 29P
   ADC Converter
AD9226-EB AD-AD9226-EB Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226-EB AD-AD9226-EB Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226-EB AD-AD9226-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9226-EB AD-AD9226-EB Datasheet
1,018Kb / 29P
   ADC Converter
More results

Similar Description - AD9226

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9226 AD-AD9226_15 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226ARSZ AD-AD9226ARSZ Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD9226 AD-AD9226_01 Datasheet
985Kb / 28P
   Complete 12-Bit, 65 MSPS ADC Converter
REV. B
AD15252 AD-AD15252 Datasheet
628Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
AD15252 AD-AD15252_15 Datasheet
636Kb / 20P
   12-Bit, 65 MSPS, Dual ADC
REV. 0
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com