Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9218-65PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9218-65PCB
Description  10-Bit, 40/65/80/105 MSPS 3 V Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218-65PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9218-65PCB Datasheet HTML 7Page - Analog Devices AD9218-65PCB Datasheet HTML 8Page - Analog Devices AD9218-65PCB Datasheet HTML 9Page - Analog Devices AD9218-65PCB Datasheet HTML 10Page - Analog Devices AD9218-65PCB Datasheet HTML 11Page - Analog Devices AD9218-65PCB Datasheet HTML 12Page - Analog Devices AD9218-65PCB Datasheet HTML 13Page - Analog Devices AD9218-65PCB Datasheet HTML 14Page - Analog Devices AD9218-65PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. 0
AD9218
–11–
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
ENCODE = 31MSPS
AIN = 8MHz AT –0.5dBFS
SNR = 59.23dB
SINAD = 59.1dB
H2 = –87dB
H3 = –81dB
0
15.5
TPC 7. FFT: FS = 31 MSPS, AIN = 8 MHz @ –0.5 dBFS,
Differential, 1 V p-p Input Range
AIN FREQUENCY – MHz
30
050
2ND
3RD
SFDR
35
40
45
50
55
60
65
70
75
80
100
150
200
250
TPC 8. Harmonic Distortion (Second and Third) and SFDR
vs. AIN Frequency (1 V p-p, FS = 105 MSPS)
AIN FREQUENCY – MHz
30
050
2ND
3RD
SFDR
35
40
45
50
55
60
65
70
75
80
100
150
200
250
TPC 9. Harmonic Distortion (Second and Third) and SFDR
vs. AIN Frequency (1 V p-p, FS = 80 MSPS)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
ENCODE = 31MSPS
AIN = 8MHz AT –0.5dBFS
SNR = 59dB
SINAD = 58.8dB
H2 = –78.7dB
H3 = –72.9dB
0
15.5
TPC 10. FFT: FS = 31 MSPS, AIN = 8 MHz @ –0.5 dBFS;
with AD8138 Driving ADC Inputs, 1 V p-p Input Range
–100
0
–90
52.5
–80
–70
–60
–50
–40
–30
–20
–10
0
ENCODE = 105MSPS
AIN1 = 30.1MHz AT –7dBFS
AIN2 = 31.1MHz AT –7dBFS
SFDR = –67dBFS
TPC 11. Two–Tone Intermodulation Distortion (30 MHz
and 31 MHz; 1 V p-p, FS = 105 MSPS)
–100
0
–90
40
–80
–70
–60
–50
–40
–30
–20
–10
0
ENCODE = 80MSPS
AIN1 = 29.3MHz AT –7dBFS
AIN2 = 30.3MHz AT –7dBFS
SFDR = –77dBFS
TPC 12. Two–Tone Intermodulation Distortion (29.3 MHz,
30.3 MHz; 1 V p-p, FS = 80 MSPS)


Similar Part No. - AD9218-65PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218-65PCB AD-AD9218-65PCB Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218-65PCB AD-AD9218-65PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9218-65PCB AD-AD9218-65PCB Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
More results

Similar Description - AD9218-65PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9215 AD-AD9215_13 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9215 AD-AD9215_15 Datasheet
962Kb / 36P
   10-Bit, 65/80/105 MSPS, 3 V A/D Converter
REV. B
AD9214BRSZ-105 AD-AD9214BRSZ-105 Datasheet
453Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9214 AD-AD9214 Datasheet
447Kb / 20P
   10-Bit, 65/80/105 MSPS 3 V A/D Converter
REV. D
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
AD9218 AD-AD9218_15 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9218 AD-AD9218_06 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com