Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9200JRSRL Datasheet(PDF) 8 Page - Analog Devices

Part # AD9200JRSRL
Description  Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9200JRSRL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9200JRSRL Datasheet HTML 4Page - Analog Devices AD9200JRSRL Datasheet HTML 5Page - Analog Devices AD9200JRSRL Datasheet HTML 6Page - Analog Devices AD9200JRSRL Datasheet HTML 7Page - Analog Devices AD9200JRSRL Datasheet HTML 8Page - Analog Devices AD9200JRSRL Datasheet HTML 9Page - Analog Devices AD9200JRSRL Datasheet HTML 10Page - Analog Devices AD9200JRSRL Datasheet HTML 11Page - Analog Devices AD9200JRSRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD9200
–8–
REV. E
Table I. Mode Selection
Input
Input
MODE
REFSENSE
Modes
Connect
Span
Pin
Pin
REF
REFTS
REFBS
Figure
TOP/BOTTOM
AIN
1 V
AVDD
Short REFSENSE, REFTS and VREF Together
AGND
18
AIN
2 V
AVDD
AGND
Short REFTS and VREF Together
AGND
19
CENTER SPAN
AIN
1 V
AVDD/2
Short VREF and REFSENSE Together
AVDD/2
AVDD/2
20
AIN
2 V
AVDD/2
AGND
No Connect
AVDD/2
AVDD/2
Differential
AIN Is Input 1
1 V
AVDD/2
Short VREF and REFSENSE Together
AVDD/2
AVDD/2
29
REFTS and
REFBS Are
Shorted Together
for Input 2
2 V
AVDD/2
AGND
No Connect
AVDD/2
AVDD/2
External Ref
AIN
2 V max AVDD
AVDD
No Connect
Span = REFTS
21, 22
– REFBS (2 V max)
AGND
Short to
Short to
23
VREFTF
VREFBF
AD876
AIN
2 V
Float or
AVDD
No Connect
Short to
Short to
30
AVSS
VREFTF
VREFBF
0
–9
1.0E+6
1.0E+9
10.0E+6
100.0E+6
–3
–6
FREQUENCY – Hz
–12
–15
–18
–21
–24
–27
Figure 13. Full Power Bandwidth
25
20
–25
0
3.0
1.0
2.0
15
10
–5
–10
–15
INPUT VOLTAGE – V
5
0
–20
2.5
0.5
1.5
REFBS = 0.5V
REFTS = 2.5V
CLOCK = 20MHz
Figure 14. Input Bias Current vs. Input Voltage
APPLYING THE AD9200
THEORY OF OPERATION
The AD9200 implements a pipelined multistage architecture to
achieve high sample rate with low power. The AD9200 distrib-
utes the conversion over several smaller A/D subblocks, refining
the conversion with progressively higher accuracy as it passes
the results from stage to stage. As a consequence of the distrib-
uted conversion, the AD9200 requires a small fraction of the
1023 comparators used in a traditional flash type A/D. A
sample-and-hold function within each of the stages permits the
first stage to operate on a new input sample while the second,
third and fourth stages operate on the three preceding samples.
OPERATIONAL MODES
The AD9200 is designed to allow optimal performance in a
wide variety of imaging, communications and instrumentation
applications, including pin compatibility with the AD876 A/D.
To realize this flexibility, internal switches on the AD9200 are
used to reconfigure the circuit into different modes. These modes
are selected by appropriate pin strapping. There are three parts
of the circuit affected by this modality: the voltage reference, the
reference buffer, and the analog input. The nature of the appli-
cation will determine which mode is appropriate: the descrip-
tions in the following sections, as well as the Table I should
assist in picking the desired mode.


Similar Part No. - AD9200JRSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9200JRSRL AD-AD9200JRSRL Datasheet
374Kb / 25P
   CMOS A/D Converter
More results

Similar Description - AD9200JRSRL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
366Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. D
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com